Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT139PC Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74ACT139PC
Description  Dual 1-of-4 Decoder / Demultiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT139PC Datasheet(HTML) 2 Page - ON Semiconductor

  74ACT139PC Datasheet HTML 1Page - ON Semiconductor 74ACT139PC Datasheet HTML 2Page - ON Semiconductor 74ACT139PC Datasheet HTML 3Page - ON Semiconductor 74ACT139PC Datasheet HTML 4Page - ON Semiconductor 74ACT139PC Datasheet HTML 5Page - ON Semiconductor 74ACT139PC Datasheet HTML 6Page - ON Semiconductor 74ACT139PC Datasheet HTML 7Page - ON Semiconductor 74ACT139PC Datasheet HTML 8Page - ON Semiconductor 74ACT139PC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
© Semiconductor Components Industries, LLC, 1988
January, 2017 − Rev. 2
1
Publication Order Number:
74AC139/D
74AC139, 74ACT139
Dual 1-of-4 Decoder /
Demultiplexer
General Description
The AC/ACT139 is a high−speed, dual 1−of−4 decoder/demultiplexer.
The device has two independent decoders, each accepting two inputs
and providing four mutually−exclusive active−LOW outputs. Each
decoder has an active−LOW Enable input which can be used as a data
input for a 4−output demultiplexer. Each half of the AC/ACT139 can
be used as a function generator providing all four minterms of two
variables.
Features
• ICC Reduced by 50%
• Multifunction Capability
• Two Completely Independent 1−of−4 Decoders
• Active LOW Mutually Exclusive Outputs
• Outputs Source/Sink 24 mA
• ACT139 has TTL−compatible Inputs
ORDERING CODE:
Order Number
Case Number
Package Description
74AC139SC
751BG
16−Lead Small Outline Integrated Circuit (SOIC), JEDEC MS−012, 0.150″ Narrow Body
74AC139SJ
565BF
16−Lead Small Outline Package (SOIC), EIAJ Type II, 5.3 mm Wide
74AC139MTC
948AH
16−Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO−153, 4.4 mm Wide
74AC139PC
648
16−Lead Plastic Dual−In−Line Package (PDIP), JEDEC MS−001, 0.300″ Wide
74ACT139SC
751BG
16−Lead Small Outline Integrated Circuit (SOIC), JEDEC MS−012, 0.150″ Narrow Body
74ACT139SJ
565BF
16−Lead Small Outline Package (SOIC), EIAJ Type II, 5.3 mm Wide
74ACT139MTC
948AH
16−Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO−153, 4.4 mm Wide
74ACT139PC
648
16−Lead Plastic Dual−In−Line Package (PDIP), JEDEC MS−001, 0.300″ Wide
NOTE:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
CONNECTION DIAGRAM
PIN DESCRIPTIONS
Pin Names
Description
A0, A1
Address Inputs
E
Enable Inputs
O0–O3
Outputs
www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com