Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6404 Datasheet(PDF) 21 Page - OKI electronic componets

Part # MSM6404
Description  High speed and High performance 4-Bit Microcontroller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6404 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button MSM6404 Datasheet HTML 17Page - OKI electronic componets MSM6404 Datasheet HTML 18Page - OKI electronic componets MSM6404 Datasheet HTML 19Page - OKI electronic componets MSM6404 Datasheet HTML 20Page - OKI electronic componets MSM6404 Datasheet HTML 21Page - OKI electronic componets MSM6404 Datasheet HTML 22Page - OKI electronic componets MSM6404 Datasheet HTML 23Page - OKI electronic componets MSM6404 Datasheet HTML 24Page - OKI electronic componets MSM6404 Datasheet HTML 25Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
21/25
MSM6404A/6404VS
¡ Semiconductor
Differences between MSM6404A and MSM6404VS (PIGGYBACK)
Item
MSM6404A
MSM6404VS (Piggyback)
1.
Ports P0, 1, 3 are set to "1" and ports P2, 4,
5, 6, 7, 8 are reset to "0" directly by the reset
input signal.
Ports P0, 1, 3 are set to "1" and ports P2, 4,
5, 6, 7, 8 are initialized during reset cycle.
After being reset, the timer continues to stop
until data is set in it.
It is undefined whether the timer starts or
not after being reset. Therefore, the timer
should be initialized by software.
Serial out F/F (SOF/F) is set to "0" after being
reset.
It is undefined whether serial out F/F
(SOF/F) is "0" or "1" after being reset.
Therefore the serial out F/F should be
initialized by software.
Port
initialization
during reset
2. Timer
operation
3. Shift register
Internal clock
Internal clock
Port
input/output
timing
4.
Input
Data are input
at this time.
Input
Data are input
at this time.
Internal clock
Synchronized
with falling edge
Data are output
at this time.
Data are output
at this time.
Output
TTL FO = "1"
(IOL = 1.6 mA @ 0.4 V)
LSTTL FO = "1"
(IOL = 0.4 mA @ 0.4 V)
Port
input/output
characteristics
5.
P2.0-3
P2.0-3
VDD
VDD VDD
TTL compatible input
CMOS input
P0.0-P8.3
P0.0-P8.3
(Except P2.0-3)
(Except P2.0-3)
Up to 4 Kbytes
Up to 8 Kbytes accessible
Available ROM
capacity
Not available
Available
LJP a13, LCAL a13
instruction
Internal clock
Output
6.
7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com