Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6404 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM6404
Description  High speed and High performance 4-Bit Microcontroller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6404 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM6404 Datasheet HTML 9Page - OKI electronic componets MSM6404 Datasheet HTML 10Page - OKI electronic componets MSM6404 Datasheet HTML 11Page - OKI electronic componets MSM6404 Datasheet HTML 12Page - OKI electronic componets MSM6404 Datasheet HTML 13Page - OKI electronic componets MSM6404 Datasheet HTML 14Page - OKI electronic componets MSM6404 Datasheet HTML 15Page - OKI electronic componets MSM6404 Datasheet HTML 16Page - OKI electronic componets MSM6404 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13/25
MSM6404A/6404VS
¡ Semiconductor
0
123456789 10
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
–0.8
–0.9
–1.0
VOH (V)
0
123456789 10
2
4
6
8
10
12
14
16
18
20
VOL (V)
0
123456789 10
1
2
3
4
5
6
7
8
9
10
VDD (V)
0
–40 –20 0 20 40 60 80 100120
1
2
3
4
5
6
7
8
9
10
Ta (°C)
123456789 10
VDD (V)
0
100 n
1 m
10 m
100 m
1 m
10 m
2 MHz
fOSC = 4 MHz
0 Hz
VDD = 5 V
VDD = 5 V
6 V
4 V
3 V
VDD = 6 V
5 V
4 V
3 V
100 kHz
Ta = 25°C
Ta = 25°C
CL = 15 pF
Ta = 25°C, CL =1 5 pF
Ta = 25°C, no load
500 kHz
1 MHz
Operating Characteristics (MSM6404A)
Current (IOH) vs Voltage (VOH) for High State
Output
Current (IOL) vs Voltage (VOL) for Low State
Output
Maximum Clock Frequency (fOSC) vs
Temperature (Ta)
Supply Current (IDD) vs Supply Voltage
(VDD)
Maximum Clock Frequency (fOSC) vs Supply
Voltage (VDD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com