Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6404 Datasheet (PDF) - OKI electronic componets

MSM6404 Datasheet PDF - OKI electronic componets
Part # MSM6404
Download  MSM6404 Download
File Size   200.29 Kbytes
Page   25 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description High speed and High performance 4-Bit Microcontroller

MSM6404 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM6404 Datasheet PDF - OKI electronic componets

Part # MSM6404
Download  MSM6404 Click to download

File Size   200.29 Kbytes
Page   25 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description High speed and High performance 4-Bit Microcontroller

MSM6404 Datasheet (HTML) - OKI electronic componets


MSM6404 Product details

GENERAL DESCRIPTION

The MSM6404A microcontroller is a low-power device implemented in complementary metal oxide semiconductor technology. The MSM6404A is optimized for high-speed processing and complicated-control applications.

The MSM6404VS is a CMOS 4-bit microcontroller that employs an external EPROM using a piggy-back package in place of the program memory (ROM) internal to the MSM6404A.

The MSM6404VS can be used for program development verification because the programs can be modified by programming an external EPROM 2732 equivalent or 2764A equivalent.



FEATURES

• Mask ROM (MSM6404A) : 4000 words X 8 bits

   External ROM (MSM6404VS) : 8196 words X 8 bits

• RAM (including the stack area) : 256 words X 4 bits

• I/O port

      Input-output port : 8 ports X 4 bits

      Input port : 1 port X 4 bits

   4 bits are for input ports having a latch; the other 32 bits are input/output ports that allow bit manipulation

• Three built-in counters : 12-bit time-base counter

                                12-bit programmable timer

                               8-bit high-speed programmable timer/event counter

• Built-in 8-bit serial I/O register (with 3-bit counter)

• Five interrupts with five priority levels (4 internal, 1 external)

• 32 stacks (in RAM)

• Power-down features

• Minimum instruction execution time : 952 ns @ 4.2 MHz clock

• Instruction systems suitable for control

• Fully static operation

• Low power consumption

• Single 5 V supply

• Package options:

   MSM6404A

      42-pin plastic DIP (DIP42-P-600-2.54) : (Product name : MSM6404A-XXXRS)

      44-pin plastic QFP (QFP44-P-910-0.80-K) : (Product name : MSM6404A-XXXGS-K)

      44-pin plastic QFP (QFP44-P-910-0.80-2K) : (Product name : MSM6404A-XXXGS-2K)

   MSM6404VS

      42-pin ceramic piggyback (ADIP42-C-600-2.54) : (Product name : MSM6404VS)

                                                            xxx indicates a code number.



 




Similar Part No. - MSM6404

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6408 OKI-MSM6408 Datasheet
147Kb / 19P
High speed and High performance 4-Bit Microcontroller
More results


Similar Description - MSM6404

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6408 OKI-MSM6408 Datasheet
147Kb / 19P
High speed and High performance 4-Bit Microcontroller
MSM6411A OKI-MSM6411A Datasheet
86Kb / 11P
High speed and Simple 4-Bit Microcontroller
MSM6422 OKI-MSM6422 Datasheet
97Kb / 10P
High speed and Simple 4-Bit Microcontroller
logo
Intel Corporation
M80C196KB INTEL-M80C196KB Datasheet
401Kb / 30P
16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
logo
OKI electronic componet...
MSM65512A OKI-MSM65512A Datasheet
189Kb / 23P
High Performance 8-Bit Microcontroller
MSM65514 OKI-MSM65514 Datasheet
196Kb / 23P
High Performance 8-Bit Microcontroller
MSM65516 OKI-MSM65516 Datasheet
201Kb / 23P
High performance 8-Bit Microcontroller
logo
International Rectifier
TS80C51RA2 IRF-TS80C51RA2_06 Datasheet
805Kb / 85P
High Performance 8-bit Microcontroller
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2_02 Datasheet
1Mb / 83P
High Performance 8-bit Microcontroller
TS80C51RA2 ATMEL-TS80C51RA2_08 Datasheet
995Kb / 86P
High Performance 8-bit Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com