Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6408 Datasheet (PDF) - OKI electronic componets

MSM6408 Datasheet PDF - OKI electronic componets
Part # MSM6408
Download  MSM6408 Download
File Size   147.51 Kbytes
Page   19 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description High speed and High performance 4-Bit Microcontroller

MSM6408 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM6408 Datasheet PDF - OKI electronic componets

Part # MSM6408
Download  MSM6408 Click to download

File Size   147.51 Kbytes
Page   19 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description High speed and High performance 4-Bit Microcontroller

MSM6408 Datasheet (HTML) - OKI electronic componets


MSM6408 Product details

GENERAL DESCRIPTION

The MSM6408 microcontroller is a low-power, single-chip device implemented in complementary

metal-oxide semiconductor technology.

The MSM6408 is optimized for high-speed processing and complicated-control applications, in

which conventional microcontrollers are difficult to use.



FEATURES

• Mask ROM : 8096 words x 8 bits

• RAM (including the stack area) : 256 words x 4 bits

• I/O port

  Input-output port : 8 ports x 4 bits

  Input port : 1 port x 4 bits

4 bits are for input ports having a latch; the other 32 bits are for input/output ports that allow bit manipulation

• Three built-in counters : 12-bit time-base counter

                                  12-bit programmable timer

                                  8-bit high-speed programmable timer/event counter

• Built-in 8-bit serial I/O register (with 3-bit counter)

• Five interrupts with five priority levels (4 internal, 1 external)

• 32 stack levels (in RAM)

• Power down features

• Minimum instruction execution time : 1.0 ms @ 4.0 MHz clock

• Instruction systems suitable for control

• Fully static operation

• Low power consumption

• Single 5 V power supply

• Package options:

   42-pin plastic DIP (DIP42-P-600-2.54)  (Product name : MSM6408-xxxRS)

   44-pin plastic QFP (QFP44-P-910-0.80-K)  (Product name : MSM6408-xxxGS-K)

   44-pin plastic QFP (QFP44-P-910-0.80-2K)  (Product name : MSM6408-xxxGS-2K)

                                                           xxx indicates a code number.




Similar Part No. - MSM6408

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6404 OKI-MSM6404 Datasheet
200Kb / 25P
High speed and High performance 4-Bit Microcontroller
MSM6404A OKI-MSM6404A Datasheet
200Kb / 25P
High speed and High performance 4-Bit Microcontroller
MSM6404VS OKI-MSM6404VS Datasheet
200Kb / 25P
High speed and High performance 4-Bit Microcontroller
More results


Similar Description - MSM6408

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6404A OKI-MSM6404A Datasheet
200Kb / 25P
High speed and High performance 4-Bit Microcontroller
MSM6411A OKI-MSM6411A Datasheet
86Kb / 11P
High speed and Simple 4-Bit Microcontroller
MSM6422 OKI-MSM6422 Datasheet
97Kb / 10P
High speed and Simple 4-Bit Microcontroller
logo
Intel Corporation
M80C196KB INTEL-M80C196KB Datasheet
401Kb / 30P
16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
logo
OKI electronic componet...
MSM65512A OKI-MSM65512A Datasheet
189Kb / 23P
High Performance 8-Bit Microcontroller
MSM65514 OKI-MSM65514 Datasheet
196Kb / 23P
High Performance 8-Bit Microcontroller
MSM65516 OKI-MSM65516 Datasheet
201Kb / 23P
High performance 8-Bit Microcontroller
logo
International Rectifier
TS80C51RA2 IRF-TS80C51RA2_06 Datasheet
805Kb / 85P
High Performance 8-bit Microcontroller
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2_02 Datasheet
1Mb / 83P
High Performance 8-bit Microcontroller
TS80C51RA2 ATMEL-TS80C51RA2_08 Datasheet
995Kb / 86P
High Performance 8-bit Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com