Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM64152AL Datasheet(PDF) 19 Page - OKI electronic componets

Part # MSM64152AL
Description  4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64152AL Datasheet(HTML) 19 Page - OKI electronic componets

Back Button MSM64152AL Datasheet HTML 15Page - OKI electronic componets MSM64152AL Datasheet HTML 16Page - OKI electronic componets MSM64152AL Datasheet HTML 17Page - OKI electronic componets MSM64152AL Datasheet HTML 18Page - OKI electronic componets MSM64152AL Datasheet HTML 19Page - OKI electronic componets MSM64152AL Datasheet HTML 20Page - OKI electronic componets MSM64152AL Datasheet HTML 21Page - OKI electronic componets MSM64152AL Datasheet HTML 22Page - OKI electronic componets MSM64152AL Datasheet HTML 23Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
19/25
¡ Semiconductor
MSM64152A/64152AL
ELECTRICAL CHARACTERISTICS
3.0 V Spec. (MSM64152AL)
DC Characteristics
Measuring
Circuit
Parameter
Symbol
Condition
Min. Typ. Max. Unit
Ca, Cb, C12 = 0.1 mF
Oscillation start time:
within 5 seconds after reset
–1.7 –1.5 –1.3
(VDD = 0 V, VSS2 = –3.0 V, Ta = –40 to +70°C unless otherwise specified.)
VSS1 Voltage
Crystal Oscillation
Start Voltage
VSS1
VSS3
VSSL
—
V
V
—
–2.5
1
1'
–4.7 –4.5 –4.2
V
VSTA
—
—
–2.0
V
VHOLD
—
10—30
pF
CG
—
10
15
20
pF
CD
External Crystal
Oscillator Capacitance
+100%
–20%
Crystal Oscillation
Hold Voltage
VSS3 Voltage
Ca, Cb, C12 = 0.1 mF
+100%
–20%
VSSL Voltage
BUPF = "1"
–1.9 –1.3 –0.6
BUPF = "0"
–1.5 –1.3 –0.6
V
—
Internal Crystal
Oscillator Capacitance
1
ROS = 1 MW
15
40
75
kHz
fCR
RC Oscillation
Frequency
1'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com