Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM64152AL Datasheet(PDF) 14 Page - OKI electronic componets

Part # MSM64152AL
Description  4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64152AL Datasheet(HTML) 14 Page - OKI electronic componets

Back Button MSM64152AL Datasheet HTML 10Page - OKI electronic componets MSM64152AL Datasheet HTML 11Page - OKI electronic componets MSM64152AL Datasheet HTML 12Page - OKI electronic componets MSM64152AL Datasheet HTML 13Page - OKI electronic componets MSM64152AL Datasheet HTML 14Page - OKI electronic componets MSM64152AL Datasheet HTML 15Page - OKI electronic componets MSM64152AL Datasheet HTML 16Page - OKI electronic componets MSM64152AL Datasheet HTML 17Page - OKI electronic componets MSM64152AL Datasheet HTML 18Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
14/25
¡ Semiconductor
MSM64152A/64152AL
DC Characteristics (continued)
VIH2 = VDD
VIL2 = VSS1
–1.0
—
0
Input Current 2
(TST1, TST2, TST3)
0.3
mA
mA
0.75
1.5
IIH2
IIL2
VIH3 = VDD
15
40
100
mA
IIH3
VIL3 = VSS1
–1.0
—
0
mA
IIL3
—
–0.3
—
0
V
VIH1
—
–1.5
—
–1.2
V
VIL1
Input Voltage 1
(P2.0 to P2.3)
(P6.0 to P6.3)
(TST1, TST2,
TST3)
(RESET)
Input Current 3
(RESET)
4
Measuring
Circuit
Parameter
(Pin Name)
Symbol
Condition
Min. Typ. Max. Unit
VOH1 = –0.5 V
VOH2 = –0.2 V
VOMH2 = VSS1 + 0.2 V
VOMH2S = VSS1 – 0.2 V
VOML2 = VSS2 + 0.2 V
–2.0
—
4.0
–0.6
—
—
–0.1
–4.0
—
(VDD = 0 V, VSS1 = VSSL = –1.5 V, VSS2 = –3.0 V, VSS3 = –4.5 V, Ta = –40 to +70°C unless otherwise specified.)
Output Current 1
(P4.0 to P4.3)
(MD0, MD0)
Output Current 2
(SEG0 to SEG25)
(COM1 to COM4)
IOH1
IOL1
IOH2
IOMH2
(VSS1 level)
(VDD level)
(VSS2 level)
(VSS1 level)
—
4.0
mA
mA
mA
mA
mA
—
–4.0
——
2
VOL1 = VSS1 + 0.5 V
0.1
0.6
2.0
mA
IOMH2S
IOML2
VOML2S = VSS2 – 0.2 V
—
—
–4.0
mA
IOML2S
VOL2 = VSS3 + 0.2 V
4.0
—
—
mA
IOL2
VOH = VDD
—
—
0.3
mA
IOOH
VOL = VSS1
–0.3
—
—
mA
IOOL
(VSS2 level)
(VSS3 level)
Output Leakage
Current
(P6.0 to P6.3)
VIH1 = VDD
VIL1 = VSS1
1.0
20
100
Input Current 1
(P2.0 to P2.3)
(P6.0 to P6.3)
IIH1
IIH1Z
IIL1
(In a high-impedance state)
–1.0
mA
mA
—0
3
VIH1 = VDD
0
—
1.0
mA
(When pulled down)
VOH3 = –0.5 V
–5.0 –2.1 –0.3
mA
IOH3
VOL3 = VSS1 + 0.5 V
0.1
0.7
2.0
mA
IOL3
Output Current 3
(P6.0 to P6.3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com