Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM64152AL Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM64152AL
Description  4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64152AL Datasheet(HTML) 2 Page - OKI electronic componets

  MSM64152AL Datasheet HTML 1Page - OKI electronic componets MSM64152AL Datasheet HTML 2Page - OKI electronic componets MSM64152AL Datasheet HTML 3Page - OKI electronic componets MSM64152AL Datasheet HTML 4Page - OKI electronic componets MSM64152AL Datasheet HTML 5Page - OKI electronic componets MSM64152AL Datasheet HTML 6Page - OKI electronic componets MSM64152AL Datasheet HTML 7Page - OKI electronic componets MSM64152AL Datasheet HTML 8Page - OKI electronic componets MSM64152AL Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2/25
¡ Semiconductor
MSM64152A/64152AL
BLOCK DIAGRAM
TR2
TR0
TR1
PCH
PCM PCL
C
BA
HL
XY
ALU
ROM
1504B
BIAS
RAM
128N
INTC
ROMR
SP
TIMING
CONTROLLER
OSC
RST
TST
VR
BUP
CAPR
PORT2
PORT6
TBC
MD0
A7 to A0
A8 to A11
DB7 to DB0
MD0
MD0
(8)
(8)
DB7 to DB0
OSC0
OSC1
RESET
TST1
TST2
TST3
VSSL
PORT ADDRESS
(4)
(4)
(4)
COM
DRV
SEG0
SEG25
LCD
DRV
LCD
CNT
DSPR
VDD
PORT4
is the CPU core (nX-4/20).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com