Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC10FSMA Datasheet(PDF) 3 Page - NEC

Part # AC10FSMA
Description  10 A RESIN INSULATION TYPE TRIAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

AC10FSMA Datasheet(HTML) 3 Page - NEC

  AC10FSMA Datasheet HTML 1Page - NEC AC10FSMA Datasheet HTML 2Page - NEC AC10FSMA Datasheet HTML 3Page - NEC AC10FSMA Datasheet HTML 4Page - NEC AC10FSMA Datasheet HTML 5Page - NEC AC10FSMA Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Data Sheet D13661EJ4V0DS
3
AC10DSMA,AC10FSMA
TYPICAL CHARACTERISTICS
Figure 1. iT vs.
νT CHARACTERISTIC
Figure 2. ITSM RATING
100
10
1.0
0.1
50
5
0.5
012345
MAX.
TC = 125˚C
25˚C
140
120
100
80
60
40
20
0
110
5
50
100
0
N = 1
ITSM
π
2
π
Initial Tj = 125˚C
50 Hz
60 Hz
νT - On-state Voltage - V
Cycles - N
Figure 3. GATE RATING
Figure 4. GATE CHARACTERISTIC
10
8
6
4
2
0
0
3.0
2.5
2.0
1.5
1.0
0.5
PG(AV) = 0.5 W
Tj =
−40 to +125˚C
PGM = 5 W
f
≥ 50 Hz
Duty
≤ 10%
2.0
1.5
1.0
0.5
0
040
30
20
10
Mode
I, III, IV
−40˚C
25˚C
125˚C
IG - Gate Current - A
IGT - Gate Trigger Current - mA
Figure 5. IGT vs. TA CHARACTERISTIC
Figure 6. VGT vs. TA CHARACTERISTIC
1000
100
10
1
−40
120
80
40
0
Mode
I, III, IV
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
−40
120
80
40
0
Mode
I, III, IV
TA - Ambient Temperature - °C
TA - Ambient Temperature - °C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com