Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC10FSMA Datasheet(PDF) 1 Page - NEC

Part # AC10FSMA
Description  10 A RESIN INSULATION TYPE TRIAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

AC10FSMA Datasheet(HTML) 1 Page - NEC

  AC10FSMA Datasheet HTML 1Page - NEC AC10FSMA Datasheet HTML 2Page - NEC AC10FSMA Datasheet HTML 3Page - NEC AC10FSMA Datasheet HTML 4Page - NEC AC10FSMA Datasheet HTML 5Page - NEC AC10FSMA Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
THYRISTORS
AC10DSMA,AC10FSMA
10 A RESIN INSULATION TYPE TRIAC
DATA SHEET
Document No. D13661EJ4V0DS00 (4th edition)
Date Published June 2004 NS CP(K)
Printed in Japan
2002
The mark
shows major revised points.
DESCRIPTION
The AC10DSMA and AC10FSMA are resin insulation type
TRIACs with an effective current of 10 A (TC = 85°C).
These products are covered with resin mold on the entire case
and are electrically insulated with electrodes, giving them a
considerable advantage over conventional TRIACs when
mounting on a heatsink board or performing high-density
mounting.
These products features ratings and electrical characteristics
equal to TO-220AB package TRIAC and a high reliability design.
FEATURES
• Insulation type TRIAC fully covered with resin on the entire
case other than electrode leads
• Insulation voltage and conduction equal to conventional mica
and polyester film
• Can be replaced with TO-220AB package
• High allowable on-current when using a single unit
APPLICATIONS
Non-contact switches of motor speed control, heater temperature control, lamp light control
PACKAGE DRAWING (Unit: mm)
10.5 MAX.
7 ±0.2
3.2 ±0.2
φ
3.0 MAX.
1.3 ±0.2
0.8 ±0.1
2.54 TYP.
2.54 TYP.
1.5 ±0.2
4.7 MAX.
2.5 ±0.1
0.5 ±0.1
12 3
TRIAC
1: T1
2: T2
3: Gate
Standard weight: 2 g
*
*
: TC test bench-mark


Similar Part No. - AC10FSMA

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
AC10FSMA KERSEMI-AC10FSMA Datasheet
1Mb / 5P
Insulation type TRIAC fully covered with resin on the entire case other than electrode leads
More results

Similar Description - AC10FSMA

ManufacturerPart #DatasheetDescription
logo
NEC
AC05DSMA NEC-AC05DSMA Datasheet
223Kb / 6P
5 A RESIN INSULATION TYPE TRIAC
AC08DSMA NEC-AC08DSMA Datasheet
144Kb / 6P
8A RESIN INSULATION TYPE TRIAC
AC12DSMA NEC-AC12DSMA Datasheet
222Kb / 6P
12A RESIN INSULATION TYPE TRIAC
logo
SemiHow Co.,Ltd.
HTS139-600 SEMIHOW-HTS139-600 Datasheet
361Kb / 5P
INSULATION TYPE TRIAC (TO-220F)
logo
Renesas Technology Corp
AC03DSMA RENESAS-AC03DSMA Datasheet
363Kb / 8P
3 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC05DSMA RENESAS-AC05DSMA Datasheet
421Kb / 8P
5 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC08DSMA RENESAS-AC08DSMA Datasheet
285Kb / 8P
8 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC10DSMA RENESAS-AC10DSMA Datasheet
404Kb / 8P
10 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC12DSMA RENESAS-AC12DSMA Datasheet
413Kb / 8P
12 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC16DSMA RENESAS-AC16DSMA Datasheet
403Kb / 8P
16 A RESIN MOLD TYPE TRIAC
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com