Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC10FSMA Datasheet(PDF) 5 Page - NEC

Part # AC10FSMA
Description  10 A RESIN INSULATION TYPE TRIAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

AC10FSMA Datasheet(HTML) 5 Page - NEC

  AC10FSMA Datasheet HTML 1Page - NEC AC10FSMA Datasheet HTML 2Page - NEC AC10FSMA Datasheet HTML 3Page - NEC AC10FSMA Datasheet HTML 4Page - NEC AC10FSMA Datasheet HTML 5Page - NEC AC10FSMA Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Data Sheet D13661EJ4V0DS
5
AC10DSMA,AC10FSMA
Figure 13. Zth CHARACTERISTIC
100
10
1
0.1
10 k
100 k
1 k
100
10
1
0.1
Junction to ambient
Junction to case
Cycles (50 Hz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com