Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM64153AL Datasheet(PDF) 21 Page - OKI electronic componets

Part # MSM64153AL
Description  4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64153AL Datasheet(HTML) 21 Page - OKI electronic componets

Back Button MSM64153AL Datasheet HTML 17Page - OKI electronic componets MSM64153AL Datasheet HTML 18Page - OKI electronic componets MSM64153AL Datasheet HTML 19Page - OKI electronic componets MSM64153AL Datasheet HTML 20Page - OKI electronic componets MSM64153AL Datasheet HTML 21Page - OKI electronic componets MSM64153AL Datasheet HTML 22Page - OKI electronic componets MSM64153AL Datasheet HTML 23Page - OKI electronic componets MSM64153AL Datasheet HTML 24Page - OKI electronic componets MSM64153AL Datasheet HTML 25Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
21/25
¡ Semiconductor
MSM64153A/64153AL
DC Characteristics (continued)
Measuring
Circuit
Parameter
(Pin Name)
Symbol
Condition
Min. Typ. Max. Unit
VOH1 = –0.5 V
VOH2 = –0.2 V
VOMH2 = VSS1 + 0.2 V
VOMH2S = VSS1 – 0.2 V
VOML2 = VSS2 + 0.2 V
–6.0
—
4.0
–1.8
—
—
–0.7
–4.0
—
(VDD = 0 V, VSS1 = VSSL = –1.5 V, VSS2 = –3.0 V, VSS3 = –4.5 V, Ta = –40 to +70°C unless otherwise specified.)
Output Current 1
(MD0, MD0)
(MD1, MD1)
Output Current 2
(SEG0 to SEG35)
(COM1 to COM4)
IOH1
IOL1
IOH2
IOMH2
(VSS1 level)
(VDD level)
(VSS2 level)
(VSS1 level)
—
4.0
mA
mA
mA
mA
mA
—
–4.0
——
2
VOL1 = VSS2 + 0.5 V
0.7
1.8
6.0
mA
IOMH2S
IOML2
VOML2S = VSS2 – 0.2 V
—
—
–4.0
mA
IOML2S
VOL2 = VSS3 + 0.2 V
4.0
—
—
mA
IOL2
VOH = VDD
—
—
0.3
mA
IOOH
VOL = VSS2
–0.3
—
—
mA
IOOL
(VSS2 level)
(VSS3 level)
Output Leakage
Current
(P6.0 to P6.3)
(P7.0 to P7.3)
VIH1 = VDD
VIL1 = VSS2
VIH2 = VDD
VIL2 = VSS2
50
–1.0
100
—
300
0
Input Current 1
(P2.0 to P2.3)
(P3.0, P3.1)
(P6.0 to P6.3)
(P7.0 to P7.3)
Input Current 2
(TST1, TST2, TST3)
IIH1
IIH1Z
IIL1
(In a high-impedance state)
0.75
–1.0
mA
mA
mA
mA
1.5
3.0
—0
3
VIH1 = VDD
0
—
1.0
mA
IIH2
IIL2
VIH3 = VDD
40
80
200
mA
IIH3
VIL3 = VSS2
–1.0
—
0
mA
IIL3
—
–0.6
—
0
V
VIH1
—
–3.0
—
–2.4
V
VIL1
Input Voltage 3
(P2.0 to P2.3)
(P3.0, P3.1)
(P6.0 to P6.3)
(TST1, TST2,
TST3)
(RESET)
(When pulled down)
Input Current 3
(RESET)
4
VOH3 = –0.5 V
–18
–6.0 –2.0
Output Current 3
(P6.0 to P6.3)
(P7.0 to P7.3)
IOH3
IOL3
mA
VOL3 = VSS2 + 0.5 V
0.7
1.6
6.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com