Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM64153AL Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM64153AL
Description  4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64153AL Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM64153AL Datasheet HTML 9Page - OKI electronic componets MSM64153AL Datasheet HTML 10Page - OKI electronic componets MSM64153AL Datasheet HTML 11Page - OKI electronic componets MSM64153AL Datasheet HTML 12Page - OKI electronic componets MSM64153AL Datasheet HTML 13Page - OKI electronic componets MSM64153AL Datasheet HTML 14Page - OKI electronic componets MSM64153AL Datasheet HTML 15Page - OKI electronic componets MSM64153AL Datasheet HTML 16Page - OKI electronic componets MSM64153AL Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13/25
¡ Semiconductor
MSM64153A/64153AL
DC Characteristics (continued)
• 32.768 kHz crystal oscillation
Measuring
Circuit
Parameter
Symbol
Condition
Min. Typ. Max. Unit
CPU is in HALT state
BUPF = "0"
CPU is in HALT state
BUPF = "1"
CPU is in operation state
BUPF = "0"
CPU is in operation state
BUPF = "1"
—
—
—
2.0
6.0
10
40
15
60
(VDD = 0 V, VSS1 = –1.5 V, Ta = –40 to +70°C unless otherwise specified.)
Supply Current 1
Supply Current 1
Supply Current 2
Supply Current 2
IDD1
IDD1
IDD2
IDD2
Ta = +40 to +70°C
Ta = –40 to +40°C
Ta = +40 to +70°C
Ta = –40 to +40°C
Ta = +40 to +70°C
Ta = –40 to +40°C
Ta = +40 to +70°C
Ta = –40 to +40°C
—
—
—
—
—
mA
mA
mA
mA
mA
mA
mA
mA
2.0
3.0
10
6.0
50
25
3.0
6.0
10
50
1
• RC oscillation
Measuring
Circuit
Parameter
Symbol
Condition
Min. Typ. Max. Unit
CPU is in HALT state
BUPF = "0"
CPU is in HALT state
BUPF = "1"
CPU is in operation state
BUPF = "0"
CPU is in operation state
BUPF = "1"
—
—
—
3.0
7.0
15
45
20
70
(VDD = 0 V, VSS1 = –1.5 V, ROS = 1 MW, Ta = –40 to +70°C unless otherwise specified.)
Supply Current 1
Supply Current 1
Supply Current 2
Supply Current 2
IDD1
IDD1
IDD2
IDD2
Ta = +40 to +70°C
Ta = –40 to +40°C
Ta = +40 to +70°C
Ta = –40 to +40°C
Ta = +40 to +70°C
Ta = –40 to +40°C
Ta = +40 to +70°C
Ta = –40 to +40°C
—
—
—
—
—
mA
mA
mA
mA
mA
mA
mA
mA
3.0
6.0
15
10
50
30
6.0
7.0
15
50
1'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com