Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM64153AL Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM64153AL
Description  4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64153AL Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM64153AL Datasheet HTML 5Page - OKI electronic componets MSM64153AL Datasheet HTML 6Page - OKI electronic componets MSM64153AL Datasheet HTML 7Page - OKI electronic componets MSM64153AL Datasheet HTML 8Page - OKI electronic componets MSM64153AL Datasheet HTML 9Page - OKI electronic componets MSM64153AL Datasheet HTML 10Page - OKI electronic componets MSM64153AL Datasheet HTML 11Page - OKI electronic componets MSM64153AL Datasheet HTML 12Page - OKI electronic componets MSM64153AL Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9/25
¡ Semiconductor
MSM64153A/64153AL
Secondary Functions
I
P2.0 to P2.3 secondary functions :
These are level-triggered external interrupt input pins.
Select interrupt enable/disable for each bit with the
P2 interrupt enable register (P2IE).
If P2.0 to P2.3 pins are set to "H" level for a minimum
of 2 seconds, the device enters system reset mode.
P2.0, P2.1 secondary functions :
trigger input pins for capture circuit.
27
33
26
31
25
30
24
29
External
Interrupts
I
P3.0 secondary function :
This is an input pin for external interrupt. This pin can
receive an interrupt at a rising edge, a falling edge, or at
both rising and falling edges.
23
28
I
P6.0 to P6.3 secondary functions :
These are level-triggered external interrupt input pins.
31
38
30
37
29
36
28
35
I
P7.0 to P7.3 secondary functions :
These are level-triggered external interrupt input pins.
36
44
35
42
34
41
33
40
I
P3.1 secondary function :
Input port for event counter
22
27
Event
Counter
Input
Pad
Pin
Description
Type
Function
P2.0
P2.1
P2.2
P2.3
P3.0
P6.0
P6.1
P6.2
P6.3
P7.0
P7.1
P7.2
P7.3
P3.1
Symbol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com