Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USA575G-P20-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # USA575G-P20-R
Description  LOW VOLTAGE COMPANDOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USA575G-P20-R Datasheet(HTML) 2 Page - Unisonic Technologies

  USA575G-P20-R Datasheet HTML 1Page - Unisonic Technologies USA575G-P20-R Datasheet HTML 2Page - Unisonic Technologies USA575G-P20-R Datasheet HTML 3Page - Unisonic Technologies USA575G-P20-R Datasheet HTML 4Page - Unisonic Technologies USA575G-P20-R Datasheet HTML 5Page - Unisonic Technologies USA575G-P20-R Datasheet HTML 6Page - Unisonic Technologies USA575G-P20-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
USA575
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R106-008.b
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
+VIN1
-VIN1
VOUT
RECT. IN1
CRECT1
SUM OUT 1
COMP. IN1
VREF
GAIN CELL IN1
GND
VCC
+VIN2
-VIN2
VOUT2
RECT.IN2
CRECT2
SUM OUT2
COMP.IN2
SUM NODE 2
GAIN CELL IN2
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
+VIN1
Non-Inverted Input 1
2
-VIN1
Inverted Input 1
3
VOUT
Output
4
RECT. IN1
Rectifier 1 Input
5
CRECT1
External Capacitor Pinout for Rectifier 1
6
SUM OUT1
Summation Output 1
7
COMP. IN1
Compensator Pin
8
VREF
Voltage Reference
9
GAIN CELL IN1
Variable Gain Cell Input 1
10
GND
Ground
11
GAIN CELL IN2
Variable Gain Cell Input 2
12
SUM NODE 2
Summation Node 2
13
COMP. IN2
Compensator Pin
14
SUM OUT2
Summation Output 2
15
CRECT2
External Capacitor Pinout for Rectifier 2
16
RECT. IN2
Rectifier 2 Input
17
VOUT2
Output 2
18
-VIN2
Inverted Input 2
19
+VIN2
Non-Inverted Input 2
20
VCC
Positive Power Supply



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com