Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USA575G-P20-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # USA575G-P20-R
Description  LOW VOLTAGE COMPANDOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USA575G-P20-R Datasheet(HTML) 1 Page - Unisonic Technologies

  USA575G-P20-R Datasheet HTML 1Page - Unisonic Technologies USA575G-P20-R Datasheet HTML 2Page - Unisonic Technologies USA575G-P20-R Datasheet HTML 3Page - Unisonic Technologies USA575G-P20-R Datasheet HTML 4Page - Unisonic Technologies USA575G-P20-R Datasheet HTML 5Page - Unisonic Technologies USA575G-P20-R Datasheet HTML 6Page - Unisonic Technologies USA575G-P20-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
USA575
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R106-008.b
LOW VOLTAGE COMPANDOR
DESCRIPTION
The UTC USA575 is a precision dual gain control circuit
designed for low voltage applications.
The UTC USA575’s
channel 1 is an expandor, while channel 2 can be configured
either for expandor, compressor, or automatic level controller
(ALC) application.
FEATURES
* Operating voltage range from 3V to 7V
* Reference voltage of 100mVRMS=0dB
* 600Ω drive capability
* One dedicated summing op amp per channel and two extra
uncommitted op amps
* Single or split supply operation
* Wide input/output swing capability
ORDERING INFORMATION
Ordering Number
Package
Packing
USA575G-R20-R
SSOP-20
Tape Reel
USA575G-P20-R
TSSOP-20
Tape Reel
MARKING


Similar Part No. - USA575G-P20-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USA575G-R20-R UTC-USA575G-R20-R Datasheet
230Kb / 7P
LOW VOLTAGE COMPANDOR
More results

Similar Description - USA575G-P20-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA575 PHILIPS-SA575 Datasheet
102Kb / 14P
Low voltage compandor
1997 Nov 07
SA576 PHILIPS-SA576 Datasheet
77Kb / 7P
Low power compandor
1997 Aug 14
logo
TOKO, Inc
TK10651 TOKO-TK10651 Datasheet
124Kb / 12P
LOW VOLTAGE COMPANDOR
logo
Sanyo Semicon Device
LA8630 SANYO-LA8630 Datasheet
133Kb / 6P
Low Voltage and Current Dissipation Compandor IC
logo
NXP Semiconductors
NE576 PHILIPS-NE576 Datasheet
102Kb / 3P
Low Power Compandor
December 1993
logo
ON Semiconductor
SA575 ONSEMI-SA575 Datasheet
126Kb / 16P
Low Voltage Compandor
September, 2006 ??Rev. 3
SA575DTBR2G ONSEMI-SA575DTBR2G Datasheet
132Kb / 16P
Low Voltage Compandor
September, 2006 ??Rev. 3
SA575DTBG ONSEMI-SA575DTBG Datasheet
132Kb / 16P
Low Voltage Compandor
September, 2006 ??Rev. 3
logo
Unisonic Technologies
USA575 UTC-USA575 Datasheet
230Kb / 7P
LOW VOLTAGE COMPANDOR
logo
ON Semiconductor
LA8630MC ONSEMI-LA8630MC Datasheet
197Kb / 8P
Low Voltage and Current Dissipation Compandor IC
January 2016 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com