Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USA575G-P20-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # USA575G-P20-R
Description  LOW VOLTAGE COMPANDOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USA575G-P20-R Datasheet(HTML) 6 Page - Unisonic Technologies

  USA575G-P20-R Datasheet HTML 1Page - Unisonic Technologies USA575G-P20-R Datasheet HTML 2Page - Unisonic Technologies USA575G-P20-R Datasheet HTML 3Page - Unisonic Technologies USA575G-P20-R Datasheet HTML 4Page - Unisonic Technologies USA575G-P20-R Datasheet HTML 5Page - Unisonic Technologies USA575G-P20-R Datasheet HTML 6Page - Unisonic Technologies USA575G-P20-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
USA575
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R106-008.b
TYPICAL APPLICATION CIRCUIT
+
-
3.8k
OP AMP
10k
VREF
10k
G
G
10k
10k
3.8k
OP AMP
+
-
VCC
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
30k
R6
30k
R7
C7
1µF
10µF
C8
COMP/
ALC
OUT
2.2µF
C9
4.7µF
C13
C11
J2
R10
R11
C10
S1
ALC
COMP
10µF
C12
COMP/
ALC
IN
R12
10k
47µF
C14
0.1µF
C15
VREF
VCC-5V
10µF
C3
J1
C2
R2
R1
C1
EXP
OUT
2.2µF
C4
C5
10µF
C6
10µF
EXP
IN
VREF
UTC USA575



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com