Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25DR10 Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # 25DR10
Description  Glass Passivated Standard Recovery Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

25DR10 Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  25DR10 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 25DR10 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 25DR10 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 25DR10 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 25DR10 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
180
170
160
150
140
130
120
110
100
0
5
10
20
25
30
15
0
5
10
15 20
25
30
35 40 45
180
170
160
150
140
130
120
110
100
0
5
10
15
20
25
30
25
50
75
0
5
10
15
20
25
30
35
Average Forward Current (A)
Average Forward Current (A)
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
Fig. 3 Forward Power Loss Characteristics
Fig.1 Current Ratings Characteristics
Fig.2 Current Ratings Characteristics
30°
60°
90°
120°
180°
60°
30°
60° 120°
180°
100
125
150
175
10K/W
20K/W
30K/W
Fig. 4 Forward Power Loss Characteristics
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
5
0
25
10
20
25
30
15
75
50
100
0
5
10
15
20
25
120°
90°
30°
180°
25D(R) Series
RthJC (DC)=1.5K/W
Conduction Angle
25D(R) Series
RthJC (DC)=1.5K/W
Conduction Period
90°
DC
3K
/W
4K/W
6K/W
8K/W
12K/W
20K/W
40K/W
RMS Limit
25D(R) Series
T = 175˚C
J
Conduction Angle
RthS
A = 4
K/W
-Delta
R
6K/W
15K/W
DC
90°
60°
120°
180°
30°
RMS Limit
T = 175°C
J
25D(R) Series
Conduction Period
8K/ W
Page 3 of 5
www.nellsemi.com
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
25D(R)Series



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com