Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25DR10 Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part # 25DR10
Description  Glass Passivated Standard Recovery Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

25DR10 Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

  25DR10 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 25DR10 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 25DR10 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 25DR10 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 25DR10 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
150
Fig. 5 Maximum Non-Repetitive Surge Current
Fig. 7 Forward Voltage Drop Characteristics
Fig.6 Maximum Non-Repetitive Surge Current
Fig.8 Thermal Impedance ZthJC Characteristics
1
10
100
50
100
200
250
300
350
1
10
100
1000
0
0.5
1
1.5
2
2.5
3
3.5
4
0.01
0.1
1
10
0
50
100
150
200
250
300
350
400
10
1
0.1
0.01
0.001
1
0.1
10
Number Of Equal Amplitude Half Cycle current Pulses(N)
Instantaneous Forward Voltage (V)
Pulse Train Duration (S)
Square Wave Pulse Duration (s)
ORDERING INFORMATION TABLE
1
-
Current rating: Code = IF(AV)
2
-
D = Standard recovery device
3
-
None = Stud normal polarity (cathode to stud)
4
R = Stud reverse polarity (anode to stud)
Device code
D
M
25
R
12
1
2
3
4
5
5
-
Voltage code
× 100 = VRRM (see Voltage Ratings table)
-
None = Stud base DO-203AA (DO-4) #10-32 UNF-2A
M = Stud base DO-203AA (DO-4) M5
×0.8 (not available
for avalanche diodes)
Initial T = 175°C
J
@60 Hz 0.0083 s
@50 Hz 0.0100 s
25D(R) Series
At Any Rated Load Condition And With
At Rated VRRM Applied Following Surge.
25D(R) Series
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration.
Initial T = 175°C
J
No Voltage Reapplied
Reted VRRM Reapplied
T = 25°C
J
T = 175°C
J
25D
(R) Series
Steady State Value
RthJC = 1.5K/W
(DC Operation)
25D(R) Series
Page 4 of 5
www.nellsemi.com
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
25D(R)Series



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com