Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25DR10 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # 25DR10
Description  Glass Passivated Standard Recovery Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

25DR10 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  25DR10 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 25DR10 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 25DR10 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 25DR10 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 25DR10 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
High surge current capability
Stud cathode and stud anode version
Wide current range
TYPICAL APPLICATIONS
SEMICONDUCTOR
RoHS
RoHS
Page 1 of 5
Glass Passivated Standard Recovery Diodes
Nell High Power Products
Voltage up to 1600V VRRM
RoHS compliant
25D(R)Series
(Stud Version), 25A
DO-203AA(DO-4)
Battery charges
Converters
Power supplies
Machine tool controls
PRODUCT SUMMARY
IF(AV)
25A
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
UNIT
V
VRRM
IFSM
IF(AV)
2
I t
TJ
25
2
A s
A
A
ºC
TEST CONDITIONS
VALUES
IF(RMS)
TC
ºC
A
120
39
356
373
634
578
200 to 1600
-65 to 175
50 HZ
60 HZ
50 HZ
60 HZ
Range
ELECTRICAL SPECIFICATIONS
VOLTAGE RATINGS
VOLTAGE
TYPE
NUMBER
CODE
VRRM,MAXIMUM
REPETITIVE PEAK
REVERSE VOLTAGE
V
VRSM,MAXIMUM
NON-REPETITIVE
PEAK VOLTAGE
V
VR(BR),MIMIMUM
AVALANCHE
VOLTAGE
V(1)
VRRM,MAXIMUM
AT TJ=175°C
mA
25D( R )
02
04
06
08
10
12
16
200
400
600
800
1000
1200
1600
275
500
725
950
1200
1400
1800
-
500
750
950
1150
1350
12
(1) Avalanche version only available from VRRM 400V to 1600V
Note
1750
Glass passivated chips
www.nellsemi.com


Similar Part No. - 25DR10

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
25DR12M NELLSEMI-25DR12M Datasheet
540Kb / 5P
Glass Passivated Standard Recovery Diodes (Stud Version), 25A
More results

Similar Description - 25DR10

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
12DR12M NELLSEMI-12DR12M Datasheet
182Kb / 5P
Glass Passivated Standard Recovery Diodes (Stud Version), 12A
16DR12M NELLSEMI-16DR12M Datasheet
185Kb / 5P
Glass Passivated Standard Recovery Diodes (Stud Version), 16A
25DR12M NELLSEMI-25DR12M Datasheet
540Kb / 5P
Glass Passivated Standard Recovery Diodes (Stud Version), 25A
40DR12M NELLSEMI-40DR12M Datasheet
368Kb / 6P
Glass Passivated Standard Recovery Diodes (Stud Version), 40A
70DR12M NELLSEMI-70DR12M Datasheet
505Kb / 6P
Glass Passivated Standard Recovery Diodes
85DR12M NELLSEMI-85DR12M Datasheet
576Kb / 6P
Glass Passivated Standard Recovery Diodes (Stud Version), 85A
16DR NELLSEMI-16DR Datasheet
170Kb / 5P
Glass Passivated Standard Recovery Diodes
40DR NELLSEMI-40DR Datasheet
197Kb / 7P
Glass Passivated Standard Recovery Diodes
70DR NELLSEMI-70DR Datasheet
519Kb / 7P
Glass Passivated Standard Recovery Diodes
85DR NELLSEMI-85DR Datasheet
814Kb / 7P
Glass Passivated Standard Recovery Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com