Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16T08AFSW Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # 16T08AFSW
Description  TRIACs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

16T08AFSW Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  16T08AFSW Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 16T08AFSW Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 16T08AFSW Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 16T08AFSW Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 16T08AFSW Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 16T08AFSW Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 16T08AFSW Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SEMICONDUCTOR
16T Series RoHS
RoHS
THERMAL RESISTANCE
Rth(j-c)
Junction to case (AC)
Rth(j-a)
Junction to ambient
2.1
60
°C/W
°C/W
UNIT
VALUE
SYMBOL
TO-220AB, D²PAK
TO-220AB Insulated, TO-220F
D²PAK
TO-220AB Insulated, TO-220AB, TO-220F
1.2
45
(1)
S =1cm²
Note 1: S=Copper surface under tab
V
(2)
TM
MAX.
Vt0
(2)
Threshold voltage
MAX.
Dynamic resistance
MAX.
IDRM
IRRM
V = V
R
RRM
MAX.
mA
Note 1: Minimum l
is guaranted at 5% of l
max.
GT
GT
Note 2: For both polarities of A2 referenced to A1.
I
= 22.5 A,
TM
t = 380 µs
P
T = 125°C
j
T = 25°C
j
T = 125°C
j
T = 125°C
j
T = 25°C
j
1.55
0.85
25
5
1
V
V
µA
mΩ
STATIC CHARACTERISTICS
UNIT
VALUE
TEST CONDITIONS
SYMBOL
(2)
Rd
V = V
D
DRM
PRODUCT SELECTOR
PART NUMBER
VOLTAGE (x x)
SENSITIVITY
PACKAGE
600 V
50 mA
50 mA
25 mA
35 mA
10 mA
1000 V
16TxxA-B/16TxxAl-B
16TxxA-BW/16TxxAl-BW
16TxxA-C/16TxxAl-C
16TxxA-CW/16TxxAl-CW
16TxxA-SW/16TxxAl-SW
TYPE
TO-220AB
Standard
Snubberless
Standard
Snubberless
Logic level
V
V
V
V
V
V
V
V
V
V
800 V
V
V
V
V
V
16TxxH-B
16TxxH-C
V
V
V
V
V
V
50 mA
25 mA
Standard
D²PAK
Standard
10 mA
35 mA
50 mA
50 mA
25 mA
16TxxH-SW
16TxxH-CW
16TxxH-BW
16TxxAF-B
16TxxAF-C
Logic level
Snubberless
Snubberless
Standard
Standard
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
16TxxAF-SW
16TxxAF-CW
V
V
V
V
V
V
10 mA
35 mA
Snubberless
Logic level
6TxxAF-BW
V
V
V
50 mA
Snubberless
TO-220F
(ITO-220AB)
Note: xx = voltage, yy = sensitivity
ORDERING INFORMATION
16TxxA-yy
16TxxA-yy
ORDERING TYPE
MARKING
PACKAGE
WEIGHT
,
BASE Q TY
DELIVERY MODE
TO-220AB
2.0g
50
Tube
16TxxAI-yy
16TxxAI-yy
2.3g
50
Tube
16TxxH-yy
16TxxH-yy
2
TO-236(D PAK)
2.0g
50
TO-220AB (insulated)
Tube
16TxxAF-yy
16TxxAF-yy
TO-220F(ITO-220AB)
2.5g
50
Tube
www.nellsemi.com
Page 3 of 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com