Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16T08AFSW Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part # 16T08AFSW
Description  TRIACs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

16T08AFSW Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

  16T08AFSW Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 16T08AFSW Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 16T08AFSW Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 16T08AFSW Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 16T08AFSW Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 16T08AFSW Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 16T08AFSW Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
0
25
50
75
100
ORDERING INFORMATION SCHEME
Triac series
Current
Voltage
16 = 16A
06 = 600V
08 = 800V
B = 50mA Standard
BW = 50mA Snubberless
C = 25mA Standard
CW = 35mA Snubberless
SW = 10mA Logic Level
16 T 06
A - BW
Package type
10 = 1000V
A = TO-220AB (non-insulated)
AI = TO-220AB ( insulated)
SEMICONDUCTOR
16T Series RoHS
RoHS
H = TO-263 (D²PAK)
I
Sensitivity
GT
AF = TO-220F ( ITO-220AB, insulated)
0
6
12
8
14
10
16
20
18
P(W)
0
8
2
10
4
12
6
14
I
(A)
T(RMS)
3.0
3.5
4.0
K=[Z /R ]
th
th
1E-2
4
2
0
8
4
2
6
10
12
14
16
16
18
125
2.5
1.5
2.0
1.0
0.5
0.0
0
25
50
75
100
125
1E-1
1E+0
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
Fig.1 Maximum power dissipation versus
on-state rms current (full cycle)
Fig.2 On-state rms current versus case
(full cycle)
temperature
Fig.3 On-state current versus ambient
(full cycle)
temperature
Fig.4 Relative variation of thermal impedance
versus pulse duration
www.nellsemi.com
Page 4 of 7
I
(A)
T(RMS)
ITO-220AB
(
)
TO-220AB
insulated
TO-220AB
TO-263
T (°C)
C
I
(A)
T(RMS)
2
D PAK
2
(S=1cm )
T (°C)
c
printed circuit board Fr4, copper thickness:35 µm
Zth(j-c)
Zth(j-a)
tp(s)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com