Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16T08AFSW Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # 16T08AFSW
Description  TRIACs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

16T08AFSW Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  16T08AFSW Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 16T08AFSW Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 16T08AFSW Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 16T08AFSW Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 16T08AFSW Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 16T08AFSW Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 16T08AFSW Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
16Txxxx
Unit
I
(1)
GT
I - II - III
VGT
I - II - III
VGD
I - II - III
(2)
IH
MAX.
I - III
MAX.
mA
II
(2)
dV/dt
MIN.
(dI/dt)c(2)
MIN.
-
A/ms
-
IL
MAX.
MIN.
V = 12 V, R = 33Ω
D
L
V = V
, R = 3.3KΩ
D
DRM
L
T = 125°C
j
I = 500 mA
T
I = 1.2 I
G
GT
V = 67% V
gate open ,T = 125°C
D
DRM
j
,
(dV/dt)c = 0.1 V/µs
(dV/dt)c = 10 V/µs
Without snubber
T = 125°C
j
T = 125°C
j
T = 125°C
j
MAX.
10
50
1.3
0.2
15
55
25
70
30
80
40
1000
8.5
3
14
-
mA
V
V
mA
V/µs
TEST CONDITIONS
QUADRANT
SYMBOL
SW
BW
-
-
35
40
50
60
500
8.5
CW
SNUBBERLESS and Logic level (3 quadrants)
SEMICONDUCTOR
16T Series RoHS
RoHS
(T
ºC unless otherwise specified)
J= 25
ELECTRICAL CHARACTERISTICS
A/µs
UNIT
A
2
A s
ºC
A
A
W
- 40 to 150
- 40 to 125
VALUE
128
50
4
1
160
168
t = 16.7 ms
T =125ºC
j
T =125ºC
j
t = 20 ms
TEST CONDITIONS
T = 100ºC
c
T =125ºC
j
F =50 Hz
F =60 Hz
t = 10 ms
p
F =100 Hz
T =20 µs
p
SYMBOL
IT(RMS)
ITSM
dI/dt
PG(AV)
I t
2
IGM
Tstg
Tj
ABSOLUTE MAXIMUM RATINGS
RMS on-state current (full sine wave)
Critical rate of rise of on-state current
Operating junction temperature range
Non repetitive surge peak on-state
current (full cycle, T initial = 25°C)
j
Average gate power dissipation
Storage temperature range
2
I t Value for fusing
I = 2xl
, t ≤100ns
G
GT
r
Peak gate current
PARAMETER
T = 86ºC
c
TO-220/TO-263
TO-220insulate/TO-220F (ITO-220AB)
16
Note 1: Minimum l
is guaranted at 5% of l
max.
GT
GT
Note 2: For both polarities of A2 referenced to A1.
MIN.
(dI/dt)c = 7 A/ms, T = 125°C
j
V/µs
5
10
(2)
(dV/dt)c
MIN.
V = 67% V
, gate open, T = 125°C
D
DRM
j
V/µs
200
400
(2)
dV/dt
II
80
120
MAX.
mA
I = 1.2 I
G
GT
IL
I - III - IV
40
60
(2)
IH
MAX.
I = 500 mA
T
mA
50
25
ALL
V = V
, R = 3.3KΩ,
D
DRM
L
T = 125°C
j
0.2
V
VGD
ALL
1.3
V
VGT
V = 12 V, R = 33Ω
D
L
IV
50
100
mA
I
(1)
GT
I - II - III
MAX.
25
50
C
B
QUADRANT
UNIT
TEST CONDITIONS
SYMBOL
16Txxxx
Standard (4 quadrants)
(T
ºC unless otherwise specified)
J= 25
ELECTRICAL CHARACTERISTICS
www.nellsemi.com
Page 2 of 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com