Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLSX5014MUTAG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NLSX5014MUTAG
Description  4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX5014MUTAG Datasheet(HTML) 4 Page - ON Semiconductor

  NLSX5014MUTAG Datasheet HTML 1Page - ON Semiconductor NLSX5014MUTAG Datasheet HTML 2Page - ON Semiconductor NLSX5014MUTAG Datasheet HTML 3Page - ON Semiconductor NLSX5014MUTAG Datasheet HTML 4Page - ON Semiconductor NLSX5014MUTAG Datasheet HTML 5Page - ON Semiconductor NLSX5014MUTAG Datasheet HTML 6Page - ON Semiconductor NLSX5014MUTAG Datasheet HTML 7Page - ON Semiconductor NLSX5014MUTAG Datasheet HTML 8Page - ON Semiconductor NLSX5014MUTAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NLSX5014
www.onsemi.com
4
MAXIMUM RATINGS
Symbol
Parameter
Value
Condition
Unit
VCC
High−side DC Supply Voltage
−0.5 to +5.5
V
VL
Low−side DC Supply Voltage
−0.5 to +5.5
V
I/O VCC
VCC−Referenced DC Input/Output Voltage
−0.5 to +5.5
V
I/O VL
VL−Referenced DC Input/Output Voltage
−0.5 to +5.5
V
VI
Enable Control Pin DC Input Voltage
−0.5 to +5.5
V
IIK
DC Input Diode Current
−50
VI < GND
mA
IOK
DC Output Diode Current
−50
VO < GND
mA
ICC
DC Supply Current Through VCC
$100
mA
IL
DC Supply Current Through VL
$100
mA
IGND
DC Ground Current Through Ground Pin
$100
mA
TSTG
Storage Temperature
−65 to +150
°C
ESD Rating
Machine Model
Human Body Model
Charged Device Model
LU Pass
400
7000
2000
100
V
V
V
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
High−side Positive DC Supply Voltage
0.9
4.5
V
VL
Low−side Positive DC Supply Voltage
0.9
4.5
V
VI
Enable Control Pin Voltage
GND
4.5
V
VIO
Bus Input/Output Voltage
I/O VCC
I/O VL
GND
GND
4.5
4.5
V
TA
Operating Temperature Range
−55
+125
°C
Dt/DV
Input Transition Rise or Rate
VI, VIO from 30% to 70% of VCC; VCC = 3.3 V $ 0.3 V
0
10
ns
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the
Recommended Operating Ranges limits may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com