Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLSX5014MUTAG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NLSX5014MUTAG
Description  4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX5014MUTAG Datasheet(HTML) 2 Page - ON Semiconductor

  NLSX5014MUTAG Datasheet HTML 1Page - ON Semiconductor NLSX5014MUTAG Datasheet HTML 2Page - ON Semiconductor NLSX5014MUTAG Datasheet HTML 3Page - ON Semiconductor NLSX5014MUTAG Datasheet HTML 4Page - ON Semiconductor NLSX5014MUTAG Datasheet HTML 5Page - ON Semiconductor NLSX5014MUTAG Datasheet HTML 6Page - ON Semiconductor NLSX5014MUTAG Datasheet HTML 7Page - ON Semiconductor NLSX5014MUTAG Datasheet HTML 8Page - ON Semiconductor NLSX5014MUTAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
NLSX5014
www.onsemi.com
2
Figure 1. Typical Application Circuit
I/O VL1
I/O VLn
EN
OE
I/On
I/O1
GND
+1.8 V System
+1.8V
+3.6V
+3.6 V System
I/On
I/O1
GND
GND
NLSX5014
I/O VCC1
I/O VCCn
VL
VCC
Figure 2. Simplified Functional Diagram (1 I/O Line)
P
One−Shot
N
One−Shot
P
One−Shot
N
One−Shot
VL
I/O VL
I/O VCC
VCC
R1
R2
Figure 3. Application Example for VL < VCC
I/O VL3
I/O VL4
EN
ANO
SDI
SDO
mC
2.5 V
3.0 V
Temperature
Sensor
SDO
SDI
GND
NLSX5014
I/O VCC3
I/O VCC4
VL
VCC
I/O VL2 I/O VCC2
SCK
SCK
I/O VL1 I/O VCC1
CE
CE
Figure 4. Application Example for VL > VCC
I/O VL3
I/O VL4
EN
ANO
SDI
SDO
mC
2.5 V
1.8 V
Temperature
Sensor
SDO
SDI
GND
NLSX5014
I/O VCC3
I/O VCC4
VL
VCC
I/O VL2 I/O VCC2
SCK
SCK
I/O VL1 I/O VCC1
CE
CE
1k
1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com