Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLSX5014MUTAG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NLSX5014MUTAG
Description  4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX5014MUTAG Datasheet(HTML) 5 Page - ON Semiconductor

  NLSX5014MUTAG Datasheet HTML 1Page - ON Semiconductor NLSX5014MUTAG Datasheet HTML 2Page - ON Semiconductor NLSX5014MUTAG Datasheet HTML 3Page - ON Semiconductor NLSX5014MUTAG Datasheet HTML 4Page - ON Semiconductor NLSX5014MUTAG Datasheet HTML 5Page - ON Semiconductor NLSX5014MUTAG Datasheet HTML 6Page - ON Semiconductor NLSX5014MUTAG Datasheet HTML 7Page - ON Semiconductor NLSX5014MUTAG Datasheet HTML 8Page - ON Semiconductor NLSX5014MUTAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
NLSX5014
www.onsemi.com
5
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Conditions
(Note 1)
VCC (V)
(Note 2)
VL (V)
(Note 3)
−405C to +855C
−555C to +1255C
Unit
Min
Typ
(Note 4)
Max
Min
Max
VIHC
I/O VCC Input HIGH Voltage
0.9 – 4.5
0.9 – 4.5
2/3 *
VCC
−
−
2/3 *
VCC
−
V
VILC
I/O VCC Input LOW Voltage
0.9 – 4.5
0.9 – 4.5
−
−
1/3 *
VCC
−
1/3 *
VCC
V
VIHL
I/O VL Input HIGH Voltage
0.9 – 4.5
0.9 – 4.5
2/3 *
VL
−
−
2/3 * VL
−
V
VILL
I/O VL Input LOW Voltage
0.9 – 4.5
0.9 – 4.5
−
−
1/3 *
VL
−
1/3 * VL
V
VIH
Control Pin Input HIGH Volt-
age
TA = +25°C
1.2 – 4.5
1.2 – 4.5
2/3 *
VL
−
−
2/3 * VL
−
V
VIL
Control Pin Input LOW Volt-
age
TA = +25°C
1.2 – 4.5
1.2 – 4.5
−
−
1/3 *
VL
−
1/3 * VL
V
VIH
Control Pin Input HIGH Volt-
age
TA = +25°C
VCC < 1.2 VL < 1.2
VL
−
−
VL
−
V
VIL
Control Pin Input LOW Volt-
age
TA = +25°C
VCC < 1.2 VL < 1.2
−
−
0
−
0
V
VOHC
I/O VCC Output HIGH Volt-
age
I/O VCC source
current = 20 mA
0.9 – 4.5
0.9 – 4.5
0.9 *
VCC
−
−
0.9 *
VCC
−
V
VOLC
I/O VCC Output LOW Voltage
I/O VCC sink
current = 20 mA
0.9 – 4.5
0.9 – 4.5
−
−
0.2
−
0.2
V
VOHL
I/O VL Output HIGH Voltage
I/O VL source
current = 20 mA
0.9 – 4.5
0.9 – 4.5
0.9 *
VL
−
−
0.9 * VL
−
V
VOLL
I/O VL Output LOW Voltage
I/O VL sink current
= 20 mA
0.9 – 4.5
0.9 – 4.5
−
−
0.2
−
0.2
V
IQVCC
VCC Supply Current
EN = VL, IO = 0 A,
(I/O VCC = 0 V or
VCC, I/O VL = float)
or
(I/O VCC = float, I/O
VL = 0 V or VL)
0.9 – 4.5
0.9 – 4.5
−
−
1
−
2.5
mA
IQVL
VL Supply Current
0.9 – 4.5
0.9 – 4.5
−
−
1
−
2.5
mA
ITS−VCC VCC Tristate Output Mode
Supply Current
TA = +25°C,
EN = 0 V
(I/O VCC = 0 V or
VCC, I/O VL = float)
or
(I/O VCC = float, I/O
VL = 0 V or VL)
0.9 – 4.5
0.9 – 4.5
−
−
0.5
−
1.5
mA
ITS−VL
VL Tristate Output Mode
Supply Current
0.9 – 4.5
0.9 – 4.5
−
−
0.5
−
1.5
mA
IOZ
I/O Tristate Output Mode
Leakage Current
TA = +25°C,
EN = 0V
0.9 – 4.5
0.9 – 4.5
−
−
±1
−
±1.5
mA
II
Control Pin Input Current
TA = +25°C
0.9 – 4.5
0.9 – 4.5
−
−
±1
−
±1
mA
IOFF
Power Off Leakage Current
I/O VCC = 0 to 4.5V,
0
0
−
−
1
−
1.5
mA
I/O VL = 0 to 4.5 V 0.9 – 4.5
0
−
−
1
−
1.5
0
0.9 – 4.5
−
−
1
−
1.5
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Normal test conditions are VI = 0 V, CIOVCC ≤ 15 pF and CIOVL ≤ 15 pF, unless otherwise specified.
2. VCC is the supply voltage associated with the I/O VCC port, and VCC ranges from +0.9 V to 4.5 V under normal operating conditions.
3. VL is the supply voltage associated with the I/O VL port, and VL ranges from +0.9 V to 4.5 V under normal operating conditions.
4. Typical values are for VCC = +2.8 V, VL = +1.8 V and TA = +25°C. All units are production tested at TA = +25°C. Limits over the operating
temperature range are guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com