Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4596 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SC4596
Description  NPN Silicon Power Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SC4596 Datasheet(HTML) 1 Page - Micro Commercial Components

  2SC4596 Datasheet HTML 1Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SC4596
NPN Silicon
Power Transistors
Features
•
With TO-220Fa package
•
Amplifier applications
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
60
V
VCBO
Collector-Base Voltage
100
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current
5.0
A
PC
Collector power dissipation
25
W
TJ
Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=100mAdc, IB=0)
60
---
Vdc
ICBO
Collector-Base Cutoff Current
(VCB=100Vdc,IE=0)
---
10
uAdc
IEBO
Emitter-Base Cutoff Current
(VEB=5.0Vdc, IC=0)
---
1.0
mAdc
ON CHARACTERISTICS
hFE
Forward Current Transfer ratio
(IC=1.0Adc, VCE=2.0Vdc)
60
320
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=4.0Adc, IB=0.2Adc)
---
0.5
Vdc
VBE(SAT)
Base-Emitter Saturation Voltage
(IC=4.0Adc,IB=0.2Adc)
---
1.5
Vdc
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.02
.03
.60
.80
B
.29
.30
7.30
7.70
C
---
.67
---
17.00
D
.53
---
13.50
---
E
.16
4.0
G
---
.40
---
10.20
H
---
.22
---
5.70
I
.16
.17
4.00
4.40
J
.12
.13
3.00
3.20
K
---
.06
---
1.50
L
.03
.04
.70
.90
M
2.84
.11
2.24
2.84
N
.18
.22
4.58
5.58
O
---
.17
---
4.40
P
---
.11
---
2.90
Q
---
.02
---
.50
R
---
.06
---
1.50
∅
TO-220Fa


Similar Part No. - 2SC4596

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4596 ROHM-2SC4596 Datasheet
91Kb / 1P
TAPED POWER TRANSISTOR PACKAGE FOR USE WITH AN AUTOMATIC PLACEMENT MACHINE
logo
Savantic, Inc.
2SC4596 SAVANTIC-2SC4596 Datasheet
119Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC4596 ISC-2SC4596 Datasheet
257Kb / 2P
isc Silicon NPN Power Transistor
logo
Savantic, Inc.
2SC4596 SAVANTIC-2SC4596 Datasheet
121Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SC4596 NJSEMI-2SC4596 Datasheet
132Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC4596

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com