Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4596 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

2SC4596 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 2SC4596
Download  2SC4596 Download
File Size   132.87 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon NPN Power Transistor

2SC4596 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4596 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 2SC4596
Download  2SC4596 Click to download

File Size   132.87 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon NPN Power Transistor

2SC4596 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


2SC4596 Product details

DESCRIPTION
• Low Collector Saturation Voltage : VCE(sat)= 0.3V(Max)@ IC= 3A
• Collector-Emitter Sustaining Voltage- : VCEO(SUS)= 60V (Min)
• Complement to Type 2SA1757

APPLICATIONS
• Designed for high speed and power switching applications




Similar Part No. - 2SC4596

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4596 ROHM-2SC4596 Datasheet
91Kb / 1P
TAPED POWER TRANSISTOR PACKAGE FOR USE WITH AN AUTOMATIC PLACEMENT MACHINE
logo
Savantic, Inc.
2SC4596 SAVANTIC-2SC4596 Datasheet
119Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC4596 ISC-2SC4596 Datasheet
257Kb / 2P
isc Silicon NPN Power Transistor
logo
Savantic, Inc.
2SC4596 SAVANTIC-2SC4596 Datasheet
121Kb / 3P
Silicon NPN Power Transistors
logo
Micro Commercial Compon...
2SC4596 MCC-2SC4596 Datasheet
86Kb / 1P
NPN Silicon Power Transistors
More results


Similar Description - 2SC4596

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF342 ASI-MRF342 Datasheet
145Kb / 1P
SILICON POWER NPN TRANSISTOR
logo
NEC
2SC2333 NEC-2SC2333 Datasheet
167Kb / 3P
NPN Silicon Power Transistor
logo
Continental Device Indi...
C13003 CDIL-C13003 Datasheet
160Kb / 4P
NPN SILICON POWER TRANSISTOR
CFC4662 CDIL-CFC4662 Datasheet
106Kb / 3P
NPN SILICON POWER TRANSISTOR
logo
Bourns Electronic Solut...
BUT11 BOURNS-BUT11 Datasheet
128Kb / 5P
NPN SILICON POWER TRANSISTOR
BUX84 BOURNS-BUX84 Datasheet
125Kb / 6P
NPN SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N2880 MICROSEMI-2N2880_1 Datasheet
45Kb / 2P
NPN POWER SILICON TRANSISTOR
2N5002 MICROSEMI-2N5002 Datasheet
58Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Kwang Myoung I.S. CO.,L...
TIP35CF KISEMICONDUCTOR-TIP35CF Datasheet
5Mb / 2P
Silicon NPN Power Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com