Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4596 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SC4596 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SC4596
Download  2SC4596 Download
File Size   257.04 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

2SC4596 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4596 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SC4596
Download  2SC4596 Click to download

File Size   257.04 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

2SC4596 Datasheet (HTML) - Inchange Semiconductor Company Limited


2SC4596 Product details

DESCRIPTION
• Low Collector Saturation Voltage : VCE(sat)= 0.3V(Max)@ IC= 3A
• Collector-Emitter Sustaining Voltage- : VCEO(SUS)= 60V (Min)
• Complement to Type 2SA1757

APPLICATIONS
• Designed for high speed and power switching applications




Similar Part No. - 2SC4596

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4596 ROHM-2SC4596 Datasheet
91Kb / 1P
TAPED POWER TRANSISTOR PACKAGE FOR USE WITH AN AUTOMATIC PLACEMENT MACHINE
logo
Savantic, Inc.
2SC4596 SAVANTIC-2SC4596 Datasheet
119Kb / 3P
Silicon NPN Power Transistors
2SC4596 SAVANTIC-2SC4596 Datasheet
121Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SC4596 NJSEMI-2SC4596 Datasheet
132Kb / 2P
Silicon NPN Power Transistor
logo
Micro Commercial Compon...
2SC4596 MCC-2SC4596 Datasheet
86Kb / 1P
NPN Silicon Power Transistors
More results


Similar Description - 2SC4596

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com