Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2LD545 Datasheet(PDF) 3 Page - MotionKing Motor Industry Co.,Ltd.

Part # 2LD545
Description  Fully Digital Stepping Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTIONKING [MotionKing Motor Industry Co.,Ltd.]
Direct Link  http://www.motionking.com/
Logo MOTIONKING - MotionKing Motor Industry Co.,Ltd.

2LD545 Datasheet(HTML) 3 Page - MotionKing Motor Industry Co.,Ltd.

  2LD545 Datasheet HTML 1Page - MotionKing Motor Industry Co.,Ltd. 2LD545 Datasheet HTML 2Page - MotionKing Motor Industry Co.,Ltd. 2LD545 Datasheet HTML 3Page - MotionKing Motor Industry Co.,Ltd. 2LD545 Datasheet HTML 4Page - MotionKing Motor Industry Co.,Ltd. 2LD545 Datasheet HTML 5Page - MotionKing Motor Industry Co.,Ltd. 2LD545 Datasheet HTML 6Page - MotionKing Motor Industry Co.,Ltd. 2LD545 Datasheet HTML 7Page - MotionKing Motor Industry Co.,Ltd. 2LD545 Datasheet HTML 8Page - MotionKing Motor Industry Co.,Ltd. 2LD545 Datasheet HTML 9Page - MotionKing Motor Industry Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2LD556 Microstepping Driver Manual V1.0
Tel: +086 0755-26434369
1
Web Site: www.leadshine.com
1. Introduction, Features and Applications
Introduction
The 2LD545 is a versatility fully digital stepping driver based on a DSP with advanced control
algorithm. The 2LD545 is the next generation of digital stepping motor controls. It brings a unique
level of system smoothness, providing optimum torque and nulls mid-range instability. Motor
auto-identification and parameter auto-configuration technology offers optimum responses with
different motors and easy-to-use. The driven motors can run with much smaller noise, lower
heating, smoother movement than most of the drivers in the markets. Its unique features make the
2LD545 an ideal solution for applications that require low-speed smoothness.
Compared to the DM432, broader input voltage and output current ranges make the 2LD545 can
drive much more motors than the DM432. What’s more, owing to its higher performance DSP,
driven motors can achieve much higher speed (above 3000RPM) than that of the DM432, offering
servo-like performances.
Features
Anti-Resonance, provides optimum torque
and nulls mid-range instability
Motor auto-identification and parameter
auto-configuration
technology,
offers
optimum responses with different motors
Multi-Stepping allows a low resolution step
input to produce a higher microstep output
for smooth system performance
Microstep resolutions programmable, from
full-step to 102,400 steps/rev
Supply voltage up to +50 VDC
Output current programmable, from 1.0A to
4.5A
Pulse input frequency up to 200 KHz
TTL compatible and optically isolated input
Automatic idle-current reduction
Suitable for 2-phase and 4-phase motors
Support PUL/DIR and CW/CCW modes
Over-voltage,
over-current,
phase-error
protections
Applications
Suitable for a wide range of stepping motors, from NEMA size 17 to 34. It can be used in various
kinds of machines, such as laser cutters, laser markers, high precision X-Y tables, labeling machines,
and so on. Its unique features make the 2LD545 an ideal solution for applications that require both
low-speed smoothness and high speed performances.
Contents
2
2. Specifications
Electrical Specifications (Tj = 25℃/77℉)
2LD545
Parameters
Min
Typical
Max
Unit
Output current
1.0
-
4.5 (3.2 RMS)
A
Supply voltage
+20
+30~+40
+50
VDC
Logic signal current
7
10
16
mA
Pulse input frequency
0
-
200
kHz
Isolation resistance
500
MΩ
Mechanical Specifications (unit:mm, 1 inch = 25.4 mm)
Figure 1: Mechanical specifications
Elimination of Heat
Driver’s reliable working temperature should be <60℃(140℉), and motor working temperature
should be <80℃(176℉);
It is recommended to use automatic idle-current mode, namely current automatically reduce to
60% when motor stops, so as to reduce driver heating and motor heating;
It is recommended to mount the driver vertically to maximize heat sink area. Use forced cooling
method to cool the system if necessary.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com