Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2LD545 Datasheet(PDF) 4 Page - MotionKing Motor Industry Co.,Ltd.

Part # 2LD545
Description  Fully Digital Stepping Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTIONKING [MotionKing Motor Industry Co.,Ltd.]
Direct Link  http://www.motionking.com/
Logo MOTIONKING - MotionKing Motor Industry Co.,Ltd.

2LD545 Datasheet(HTML) 4 Page - MotionKing Motor Industry Co.,Ltd.

  2LD545 Datasheet HTML 1Page - MotionKing Motor Industry Co.,Ltd. 2LD545 Datasheet HTML 2Page - MotionKing Motor Industry Co.,Ltd. 2LD545 Datasheet HTML 3Page - MotionKing Motor Industry Co.,Ltd. 2LD545 Datasheet HTML 4Page - MotionKing Motor Industry Co.,Ltd. 2LD545 Datasheet HTML 5Page - MotionKing Motor Industry Co.,Ltd. 2LD545 Datasheet HTML 6Page - MotionKing Motor Industry Co.,Ltd. 2LD545 Datasheet HTML 7Page - MotionKing Motor Industry Co.,Ltd. 2LD545 Datasheet HTML 8Page - MotionKing Motor Industry Co.,Ltd. 2LD545 Datasheet HTML 9Page - MotionKing Motor Industry Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Contents
3
Operating Environment and other Specifications
Cooling
Natural Cooling or Forced cooling
Environment
Avoid dust, oil fog and corrosive gases
Ambient Temperature
0℃ - 50℃ (32℉ - 122℉)
Humidity
40%RH - 90%RH
Operating Temperature
70℃ (158℉) Max
Operating Environment
Vibration
5.9m/s2 Max
Storage Temperature
-20℃ - 65℃ (-4℉ - 149℉)
Weight
Approx. 280g (10 oz)
3. Pin Assignment and Description
The 2LD545 has two connectors, connector P1 for control signals connections, and connector P2 for
power and motor connections. The following tables are brief descriptions of the two connectors.
More detailed descriptions of the pins and related issues are presented in section 4, 5, 9.
Connector P1 Configurations
Pin Function
Details
PUL+
PUL-
Pulse signal: In single pulse (pulse/direction) mode, this input represents pulse
signal, each rising or falling edge active (software configurable); 4-5V when
PUL-HIGH, 0-0.5V when PUL-LOW. In double pulse mode (pulse/pulse) ,
this input represents clockwise (CW) pulse,active both at high level and low
level (software configurable). For reliable response, pulse width should be
longer than 2.5μs. Series connect resistors for current-limiting when +12V or
+24V used. The same as DIR and ENA signals.
DIR+
DIR-
DIR signal: In single-pulse mode, this signal has low/high voltage levels,
representing two directions of motor rotation; in double-pulse mode (software
configurable), this signal is counter-clock (CCW) pulse,active both at high
level and low level (software configurable). For reliable motion response, DIR
signal should be ahead of PUL signal by 5μs at least. 4-5V when DIR-HIGH,
0-0.5V when DIR-LOW. Please note that rotation direction is also related to
motor-driver wiring match. Exchanging the connection of two wires for a coil
to the driver will reverse motion direction.
ENA+
ENA-
Enable signal: This signal is used for enabling/disabling the driver. High level
(NPN control signal, PNP and Differential control signals are on the contrary,
namely Low level for enabling.) for enabling the driver and low level for
disabling the driver. Usually left UNCONNECTED (ENABLED).
Contents
4
Selecting Active Pulse Edge and Control Signal Mode
The 2LD545 supports PUL/DIR and CW/CCW modes and pulse actives at rising or falling edge. See
more information about these settings in Section 13. Default setting is PUL/DIR mode and rising
edge active (NPN, and PNP control signal is on the contrary).
Connector P2 Configurations
Pin Function
Details
+Vdc
Power supply, 20~50 VDC, Including voltage fluctuation and EMF voltage.
GND
Power Ground.
A+, A-
Motor Phase A
B+, B-
Motor Phase B
4. Control Signal Connector (P1) Interface
The 2LD545 can accept differential and single-ended inputs (including open-collector and PNP
output). The 2LD545 has 3 optically isolated logic inputs which are located on connector P1 to accept
line driver control signals. These inputs are isolated to minimize or eliminate electrical noises coupled
onto the drive control signals. Recommend use line driver control signals to increase noise immunity
of the driver in interference environments. In the following figures, connections to open-collector and
PNP signals are illustrated.
Figure 2: Connections to open-collector signal (common-anode)
D i
VC
PULS
DIR
ENBL
DC24~50V
M
Motor
Shi ld
PUL+
PUL
DIR+
DIR
ENB+
ENB
GND
VDC
A
A
B
B
●
驱动器与上位控制器的
连接电缆最好选择带屏
蔽,屏蔽层连接标准地
或上位控制器接地端。
●
根据驱动器输出电流设置
选择电源线和电机动力
线的直径,一般不要小于
1mm²线经。
Controller



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com