Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2LD545 Datasheet(PDF) 7 Page - MotionKing Motor Industry Co.,Ltd.

Part # 2LD545
Description  Fully Digital Stepping Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTIONKING [MotionKing Motor Industry Co.,Ltd.]
Direct Link  http://www.motionking.com/
Logo MOTIONKING - MotionKing Motor Industry Co.,Ltd.

2LD545 Datasheet(HTML) 7 Page - MotionKing Motor Industry Co.,Ltd.

  2LD545 Datasheet HTML 1Page - MotionKing Motor Industry Co.,Ltd. 2LD545 Datasheet HTML 2Page - MotionKing Motor Industry Co.,Ltd. 2LD545 Datasheet HTML 3Page - MotionKing Motor Industry Co.,Ltd. 2LD545 Datasheet HTML 4Page - MotionKing Motor Industry Co.,Ltd. 2LD545 Datasheet HTML 5Page - MotionKing Motor Industry Co.,Ltd. 2LD545 Datasheet HTML 6Page - MotionKing Motor Industry Co.,Ltd. 2LD545 Datasheet HTML 7Page - MotionKing Motor Industry Co.,Ltd. 2LD545 Datasheet HTML 8Page - MotionKing Motor Industry Co.,Ltd. 2LD545 Datasheet HTML 9Page - MotionKing Motor Industry Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Contents
9
Microstep Resolution Selection
When it’s not in software configured mode, microstep resolution is set by SW5, 6, 7, 8 of the DIP
switch as shown in the following table:
SW5
SW6
SW7
SW8
Micro
step
Pulse/rev
SW5
SW6
SW7
SW8
Micro
step
Pulse/rev
ON
ON
ON
ON
1
400
ON
ON
ON
OFF
5
1000
OFF
ON
ON
ON
2
800
OFF
ON
ON
OFF
10
2000
ON
OFF
ON
ON
4
1600
ON
OFF
ON
OFF
20
4000
OFF
OFF
ON
ON
8
3200
OFF
OFF
ON
OFF
25
5000
ON
ON
OFF
ON
16
6400
ON
ON
OFF
OFF
40
8000
OFF
ON
OFF
ON
32
12800
OFF
ON
OFF
OFF
50
10000
ON
OFF
OFF
ON
64
25600
ON
OFF
OFF
OFF
100
20000
OFF
OFF
OFF
ON
128
51200
OFF
OFF
OFF
OFF
125
25000
Current Settings
For a given motor, higher driver current will make the motor to output more torque, but at the same
time causes more heating in the motor and driver. Therefore, output current is generally set to be such
that the motor will not overheat for long time operation. Since parallel and serial connections of
motor coils will significantly change resulting inductance and resistance, it is therefore important to
set driver output current depending on motor phase current, motor leads and connection methods.
Phase current rating supplied by motor manufacturer is important in selecting driver current, however
the selection also depends on leads and connections.
Contents
10
When it’s not in software configured mode, the first three bits (SW1, 2, 3) of the DIP switch are used
to set the dynamic current. Select a setting closest to your motor’s required current.
Dynamic current setting
SW1
SW2
SW3
Peak
RMS
SW1
SW2
SW3
Peak
RMS
O N
O N
O N
1.0A
0.71 A
O N
O N
O F F
3.0A
2.14 A
OFF
ON
ON
1.5A
1.07 A
O F F
O N
O F F
3.5A
2.50 A
O N
O F F
O N
2.0A
1.43 A
O N
O F F
O F F
4.0A
2.86 A
OFF
OFF
ON
2.5A
1.78 A
O F F
O F F
O F F
4.5A
3.21 A
Notes: Due to motor inductance, the actual current in the coil may be smaller than the dynamic
current setting, particularly under high speed condition.
Standstill current setting
SW4 is used for this purpose. OFF meaning that the standstill current is set to be half of the selected
dynamic current, and ON meaning that standstill current is set to be the same as the selected dynamic
current.
The current automatically reduced to 60% of the selected dynamic current one second after the last
pulse. Theoretically, this will reduce motor heating to 36% (due to P=I2*R) of the original value. If
the application needs a different standstill current, please contact MotionKing.
8. Wiring Notes
In order to improve anti-interference performance of the driver, it is recommended to use
twisted pair shield cable.
To prevent noise incurred in PUL/DIR signal, pulse/direction signal wires and motor wires
should not be tied up together. It is better to separate them by at least 10 cm, otherwise the
disturbing signals generated by motor will easily disturb pulse direction signals, causing motor
position error, system instability and other failures.
If a power supply serves several drivers, separately connecting the drivers is recommended
instead of daisy-chaining.
It is prohibited to pull and plug connector P2 while the driver is powered ON, because there is
high current flowing through motor coils (even when motor is at standstill). Pulling or plugging
connector P2 with power on will cause extremely high back-EMF voltage surge, which may
damage the driver.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com