Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEZ Datasheet(PDF) 2 Page - MotionKing Motor Industry Co.,Ltd.

Part # MEZ
Description  2-Phase Stepper Servo System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTIONKING [MotionKing Motor Industry Co.,Ltd.]
Direct Link  http://www.motionking.com/
Logo MOTIONKING - MotionKing Motor Industry Co.,Ltd.

MEZ Datasheet(HTML) 2 Page - MotionKing Motor Industry Co.,Ltd.

  MEZ Datasheet HTML 1Page - MotionKing Motor Industry Co.,Ltd. MEZ Datasheet HTML 2Page - MotionKing Motor Industry Co.,Ltd. MEZ Datasheet HTML 3Page - MotionKing Motor Industry Co.,Ltd. MEZ Datasheet HTML 4Page - MotionKing Motor Industry Co.,Ltd. MEZ Datasheet HTML 5Page - MotionKing Motor Industry Co.,Ltd. MEZ Datasheet HTML 6Page - MotionKing Motor Industry Co.,Ltd. MEZ Datasheet HTML 7Page - MotionKing Motor Industry Co.,Ltd. MEZ Datasheet HTML 8Page - MotionKing Motor Industry Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2-Phase Stepper Servo System
MotionKing (China) Motor Industry Co., Ltd.
www.MotionKing.com
MK1502, Rev.02
- 2 -
By adopting high resolution encoders, MotionKing MEZ servo products apply servo controls on high torque stepper motors.
Those products combine advantages of brushless servo systems and conventional stepper systems.
Compare to traditional Steppers
1. Closed-loop, eliminates loss of synchronization
In open-loop stepper systems, potential loss of motor movement synchronization limits their
adoption for many applications. Engineers are forced to reserve 50% of available stepper
motor torque to avoid possible loss of steps or stall. With the adoption of high resolution
encoders to feedback real time motor shaft positions, MotionKing MEZ series servo drives
close the position loops between servo drives and driven motors. That will keep motor
movement synchronized all the time, and allow 100% of available torque.
2. No torque resovation for broader operating range
Due to closed loop control and adoption of advanced control algorithm, the MEZ series servo
systems can always implement 100% torque of the motor, and do not need the huge 50%
torque reservation in normal open-loop stepper systems. This feature significantly improves
system high speed performance. While open-loop stepper systems are typically adopted in
applications under 1,000 rpm, the MEZ series servo systems are ideal for many applications up
to 2,000 RPM, sometimes even to 3,000 RPM!
3. Quicker Response, Higher Acceleration
Also due to closed loop control and adoption of advanced control algorithm, the MEZ series
servo systems can always implement 100% torque of the motor. This feature significantly
improves system response or acceleration performance, usually up to 30% quicker or higher
acceleration than a same size and holding torque conventional steppers.
4. Extra low motor heating
In open-loop stepper systems, output current to the stepper motor from the step driver is
constant. No matter what load condition is and how much current is needed, the stepper drive
will always output a constant current. Since the MEZ servo runs in closed-loop, the MEZ drives
only put as much current into the motor as required to drive the motor to the target. Motor heat
is 20 to 40
oC lower compare to a conventional stepper drive which runs at full current most of
the time. Less power consumption and longer motor lifetime can be achieved, reducing using
and maintenance cost.
Compare to Servos



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com