Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEZ Datasheet(PDF) 6 Page - MotionKing Motor Industry Co.,Ltd.

Part # MEZ
Description  2-Phase Stepper Servo System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTIONKING [MotionKing Motor Industry Co.,Ltd.]
Direct Link  http://www.motionking.com/
Logo MOTIONKING - MotionKing Motor Industry Co.,Ltd.

MEZ Datasheet(HTML) 6 Page - MotionKing Motor Industry Co.,Ltd.

  MEZ Datasheet HTML 1Page - MotionKing Motor Industry Co.,Ltd. MEZ Datasheet HTML 2Page - MotionKing Motor Industry Co.,Ltd. MEZ Datasheet HTML 3Page - MotionKing Motor Industry Co.,Ltd. MEZ Datasheet HTML 4Page - MotionKing Motor Industry Co.,Ltd. MEZ Datasheet HTML 5Page - MotionKing Motor Industry Co.,Ltd. MEZ Datasheet HTML 6Page - MotionKing Motor Industry Co.,Ltd. MEZ Datasheet HTML 7Page - MotionKing Motor Industry Co.,Ltd. MEZ Datasheet HTML 8Page - MotionKing Motor Industry Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2-Phase Stepper Servo System
MotionKing (China) Motor Industry Co., Ltd.
www.MotionKing.com
MK1502, Rev.02
- 6 -
电气参数 Electrical Specifications ( MEZ-M2-24XX-E10 )
1.8 DEG/STEP
MEZ-M2-2416-
E10
MEZ-M22430-
E10
Current (A)
4.2
4.8
Resistance (Ω)
0.45
0.6
Inductance (mH)
1.2
2.5
Holding Torque (N.m)
1.6
2.6
Speed (RPM)
0 ~ 2000
Weight (Kg)
1.0
1.6
Length L (mm)
56+26=82
90+26=116
Insulation Res. (MΩ)
100 MIN, 500Vdc
Ambient Temp. (℃)
0 ~ +55
Encoder (CPR)
1000 (2500CPR optional)
Matching Drive
MEZ-2D880
(24~80VDC, 8.2A)
* Note: The above are our typical models, we also manufacture products according to customer’s requirements.
外形尺寸 Motor Dimensions (mm)
www.MotionKing.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com