Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEZ Datasheet(PDF) 3 Page - MotionKing Motor Industry Co.,Ltd.

Part # MEZ
Description  2-Phase Stepper Servo System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTIONKING [MotionKing Motor Industry Co.,Ltd.]
Direct Link  http://www.motionking.com/
Logo MOTIONKING - MotionKing Motor Industry Co.,Ltd.

MEZ Datasheet(HTML) 3 Page - MotionKing Motor Industry Co.,Ltd.

  MEZ Datasheet HTML 1Page - MotionKing Motor Industry Co.,Ltd. MEZ Datasheet HTML 2Page - MotionKing Motor Industry Co.,Ltd. MEZ Datasheet HTML 3Page - MotionKing Motor Industry Co.,Ltd. MEZ Datasheet HTML 4Page - MotionKing Motor Industry Co.,Ltd. MEZ Datasheet HTML 5Page - MotionKing Motor Industry Co.,Ltd. MEZ Datasheet HTML 6Page - MotionKing Motor Industry Co.,Ltd. MEZ Datasheet HTML 7Page - MotionKing Motor Industry Co.,Ltd. MEZ Datasheet HTML 8Page - MotionKing Motor Industry Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2-Phase Stepper Servo System
MotionKing (China) Motor Industry Co., Ltd.
www.MotionKing.com
MK1502, Rev.02
- 3 -
1. Quick response, no hunting
For the case of conventional servo motor systems, there is a considerable delay
between the commanding input signals and the resultant motion because of the
constant monitor of the current position, necessitating a waiting time until it settles,
called settle time.
Since the MEZ servo is a stepper motor based system, it operates in synchronism with
command pulses and has no hunting problem. When it stops, its position is completely
stable and does not fluctuate. It is a great feature of the MEZ when rapid motions with
a short distance are required and it is ideal for applications such as bonding and vision
systems in which hunting would be a problem.
2. High torque at starting and low speed, high inertial loads
Since the MEZ servo system is a stepper motor based system, so it has the advantages of
high stiffness at standstill, high torque at starting and low speed, eliminating gear
box. The MEZ adopts sophisticated control algorithms to take advantage of high-torque
capability, providing direct-drive of high inertia loads such as flywheels and belt drives.
These load inertials may be as large as 100 times the motor inertia while still providing
smooth positioning control. Conventional servo systems typically cannot exceed a 10:1
inertial mismatch.
3. Plug and play, no tuning for most of applications
Unlike a servo system which usually needs the engineer to spend a long time to learn how to
use tuning tools and tune the gains for a satisfying performance, the MEZ series servo is
ready for operation within a very short period of time. Set the microstep resolution and
operating current, then the system is ready and offers high performance aCPRoaching to a
fine tuned servo. Save time and save cost.
Typical Applications
Due to combining the features of both brushless servo systems and stepper systems, MotionKing MEZ servo systems are ideal
solutions for both upgrading conventional stepper systems, and replacing many brushless servo systems.
While conventional stepper systems are typically adopted for applications of 1,000 RPM or below, MotionKing MEZ servo systems
can easily upgrade your motion control systems to the speed of 2,000 RPM (even higher) with much fast acceleration, much lower
heating , higher torque, no loss of steps, smoother motor movement. In comparison to brushless servo systems, MotionKing MEZ
servo systems can power control systems with much high starting & low-speed torque, no hunting, no overshooting, zero setting
time, lower costs, and no tuning for most of applications.
MotionKing MEZ servo systems have been successfully implemented by hundred of OEM clients in the world in tens of industries
such as CNC machinery, electronics, CMM measuring / inspection, medical, lab automation, semiconductor, scientific instruments,
textile, etc.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com