Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20NM60L-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 20NM60L-TN3-R
Description  20A, 600V N-CHANNEL SUPER-JUNCTION MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

20NM60L-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  20NM60L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 20NM60L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 20NM60L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 20NM60L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 20NM60L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 20NM60L-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
20NM60
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R205-315.c
ABSOLUTE MAXIMUM RATINGS (TC=25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
600
V
Gate-Source Voltage
VGSS
±30
V
Continuous Drain Current
Continuous
ID
20
A
Pulsed Drain Current
Pulsed (Note 2)
IDM
80
A
Avalanche Current (Note 3)
IAR
3.4
A
Avalanche energy
Single Pulsed (Note 3)
EAS
572
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
6.4
V/nS
TO-220
240
W
TO-220F1
58
W
Power Dissipation
TO-251/TO-252
PD
183
W
Junction Temperature
TJ
+150
°C
Storage Temperature Range
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by maximum junction temperature.
3. L=99mH, IAS=3.4A, VDD=50V, RG=25Ω, Starting TJ = 25°C.
4. ISD ≤20A, di/dt ≤200A/μs, VDD ≤ V(BR)DSS, TJ = 25°C.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
TO-220/TO-220F1
62.5
°С/W
Junction to Ambient
TO-251/TO-252
θJA
110
°С/W
TO-220
0.52
°С/W
TO-220F1
2.16
°С/W
Junction to Case
TO-251/TO-252
θJC
0.68
°С/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com