Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20NM60L-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 20NM60L-TN3-R
Description  20A, 600V N-CHANNEL SUPER-JUNCTION MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

20NM60L-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  20NM60L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 20NM60L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 20NM60L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 20NM60L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 20NM60L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 20NM60L-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
20NM60
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R205-315.c
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250µA
600
V
Drain-Source Leakage Current
IDSS
VDS=600V, VGS=0V
10
µA
Forward
VDS=0V ,VGS=+30V
+100
nA
Gate-Source Leakage Current
Reverse
IGSS
VDS=0V ,VGS=-30V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS= VGS, ID=250µA
2.5
4.5
V
Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=10A
0.3
Ω
DYNAMIC PARAMETERS
Input Capacitance
CISS
1075
pF
Output Capacitance
COSS
804
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=25V, f=1.0MHz
54
pF
SWITCHING PARAMETERS
Total Gate Charge (Note 1)
QG
112
nC
Gate to Source Charge
QGS
8
nC
Gate to Drain Charge
QGD
VDS=50V, VGS=10V, ID=1.3A ,
IG=100µA (Note 1, 2)
33
nC
Turn-on Delay Time (Note 1)
tD(ON)
76
ns
Rise Time
tR
164
ns
Turn-off Delay Time
tD(OFF)
305
ns
Fall-Time
tF
VDD=30V, VGS=10V, ID=0.5A,
RG=25Ω (Note 1, 2)
200
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Pulsed Current
IS
20
A
Drain-Source Diode Forward Voltage (Note 1)
ISM
80
A
Maximum Body-Diode Continuous Current
VSD
IS =20A, VGS=0V
1.4
V
Reverse Recovery Time (Note 1)
trr
435
ns
Reverse Recovery Charge
Qrr
IS =20A, VGS=0V,
dIF/dt=100A/µs
7.42
µC
Note: 1. Pulse Test : Pulse width ≤ 300μs, Duty cycle ≤ 2%.
2. Essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com