Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20NM60L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 20NM60L-TN3-R
Description  20A, 600V N-CHANNEL SUPER-JUNCTION MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

20NM60L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  20NM60L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 20NM60L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 20NM60L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 20NM60L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 20NM60L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 20NM60L-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
20NM60
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R205-315.c
20A, 600V N-CHANNEL
SUPER-JUNCTION MOSFET
DESCRIPTION
The UTC 20NM60 is a Super Junction MOSFET Structure and
is designed to have better characteristics, such as fast switching
time, low gate charge, low on-state resistance and a high rugged
avalanche characteristics. This power MOSFET is usually used at
DC-DC, AC-DC converters for power applications.
FEATURES
* RDS(ON) < 0.3Ω @ VGS=10V, ID=10A
* By using Super Junction Structure
* Fast Switching
* With 100% Avalanche Tested
SYMBOL
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
20NM60L-TA3-T
20NM60G-TA3-T
TO-220
G
D
S
Tube
20NM60L-TF1-T
20NM60G-TF1-T
TO-220F1
G
D
S
Tube
20NM60L-TM3-T
20NM60G-TM3-T
TO-251
G
D
S
Tube
20NM60L-TN3-R
20NM60G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
MARKING


Similar Part No. - 20NM60L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
20NM50 UTC-20NM50 Datasheet
409Kb / 9P
20A, 500V N-CHANNEL SUPER-JUNCTION MOSFET
20NM50L-T47-T UTC-20NM50L-T47-T Datasheet
409Kb / 9P
20A, 500V N-CHANNEL SUPER-JUNCTION MOSFET
20NM50L-TA3-T UTC-20NM50L-TA3-T Datasheet
409Kb / 9P
20A, 500V N-CHANNEL SUPER-JUNCTION MOSFET
20NM50L-TF1-T UTC-20NM50L-TF1-T Datasheet
409Kb / 9P
20A, 500V N-CHANNEL SUPER-JUNCTION MOSFET
20NM50L-TF3T-T UTC-20NM50L-TF3T-T Datasheet
409Kb / 9P
20A, 500V N-CHANNEL SUPER-JUNCTION MOSFET
More results

Similar Description - 20NM60L-TN3-R

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCA60R095T SEMIHOW-HCA60R095T Datasheet
270Kb / 7P
600V N-Channel Super Junction MOSFET
logo
Pan Jit International I...
PJD60R620E PANJIT-PJD60R620E Datasheet
1Mb / 8P
600V N-Channel Super Junction MOSFET
February 1,2018-REV.00
PJMD580N60E1 PANJIT-PJMD580N60E1 Datasheet
552Kb / 7P
600V N-Channel Super Junction MOSFET
September 13,2021 PJMD580N60E1-REV.00
PJMD900N60EC PANJIT-PJMD900N60EC Datasheet
541Kb / 7P
600V N-Channel Super Junction MOSFET
October 14,2021 PJMD900N60EC-REV.00
PJMF280N60E1 PANJIT-PJMF280N60E1 Datasheet
506Kb / 7P
600V N-Channel Super Junction MOSFET
September 2,2021 PJMF280N60E1-REV.01
PJMH120N60EC PANJIT-PJMH120N60EC Datasheet
582Kb / 7P
600V N-Channel Super Junction MOSFET
May 25,2022 PJMH120N60EC-REV.00
PJMH190N60E1 PANJIT-PJMH190N60E1 Datasheet
585Kb / 7P
600V N-Channel Super Junction MOSFET
August 18,2022 PJMH190N60E1-REV.00
PJMP900N60EC PANJIT-PJMP900N60EC Datasheet
563Kb / 7P
600V N-Channel Super Junction MOSFET
October 14,2021 PJMP900N60EC-REV.00
PJU60R980E PANJIT-PJU60R980E Datasheet
1Mb / 8P
600V N-Channel Super Junction MOSFET
February 1,2018-REV.00
PJMP099N60EC PANJIT-PJMP099N60EC Datasheet
889Kb / 7P
600V N-Channel Super Junction MOSFET
November 23,2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com