Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7207KB Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT7207KB
Description  Highly Integration USB PD Controller with Synchronous Highly Integration USB PD Controller with Synchronous
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7207KB Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT7207KB Datasheet HTML 1Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RT7207KB
Copyright © 2018 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS7207KB-00
December
2018
www.richtek.com
1
Highly Integration USB PD Controller with Synchronous
Rectification
General Description
The RT7207KB is a programmable controller with
integrated synchronous rectification control. Its internal
MCU handles various proprietary protocols via the
D+/D- interface and supports USB PD Type-C via the
CC1/CC2 pins.
The RT7207KB provides high integration for high
power density off-line AC-DC converter designs. In
addition to saving external components, and through
the built-in synchronous rectification controller and
integration of diverse functions and protections, it not
only improves efficiency but also enhances safety.
An
internal
synchronous
rectifier
controller
can
optimize efficiency and provide safe operate in both
continuous-conduction
mode
(CCM)
and
discontinuous-conduction mode (DCM) even in the
condition of a wide output voltage range of 3.0V to 21V.
Dual
operational amplifiers with
respectively the
digital-to-analog
converter
(DAC)
programmable
reference voltages are included for voltage-loop and
current-loop
regulation
to
provide
programmable
constant-voltage
(CV)
and
constant-current
(CC)
regulation in high precision.
Ordering Information
RT7207KB
Package Type
QW : WQFN-24L 4x4 (W-Type)
(Exposed Pad-Option 2)
Lead Plating System
G : Green (Halogen Free and Pb Free)
RT7207KB Version
(Refer to Version Table)
-
Programmed Firmware Code AABBX
AA : Application Code
BB : Model Code
X : Customer Approved Version Code
Note :
The products are :
RoHS compliant and compatible with the current
requirements of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Features
Protocol Support
USB PD2.0/PD3.0 and PPS
Proprietary Protocols
Highly Integrated
Embedded MCU with an Mask ROM of 32kB, an
OTP-ROM of 16kB, and an SRAM of 2kB
Built-in Synchronous Rectifier Controller and
Driver
Built-in Charge Pump for a Wide VDD Operation
Range of 3V to 21V
Built-in Shunt Regulators for Programmable
Constant-Voltage and Constant-Current
Control
Built-in 10-bit Analog-to-Digital Converter (ADC)
Programmable Cable Compensation
BLD Pin for Quick Discharge of Output
Capacitor
VBUS Pin for Detection VBUS Voltage and
Quick Discharge of VBUS Capacitor
USBP Pin for Direct Drive of External Blocking
N-MOSFET
Power-Saving Mode in Standby Mode
Protection
Adaptive Output Over-Voltage Protection
Adaptive Under-Voltage Protection
CC1/CC2/D+/D- Over-Voltage Protection
Firmware-Programmable Over-Current
Protection
Firmware-Programmable Over-Temperature
Protection
Applications
USB PD Type-C or Proprietary Protocols (e.g., FCP,
SCP and AFC) Chargers/Adapters for Smart Phones,
NBs, Tablets and All Other Electronics.
USB PD Extension Cores with Offline AC-DC
Converters.


Similar Part No. - RT7207KB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7207K RICHTEK-RT7207K Datasheet
164Kb / 1P
Highly Integration USB PD Controller with Synchronous Rectification
More results

Similar Description - RT7207KB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
logo
NXP Semiconductors
TEA19031AT NXP-TEA19031AT Datasheet
336Kb / 37P
USB-PD controller for SMPS
Rev. 2-1 December 2017
logo
Richtek Technology Corp...
RT7202K RICHTEK-RT7202K Datasheet
75Kb / 1P
Highly Integrated USB PD Type-C Controller for SMPS
RT7207K RICHTEK-RT7207K Datasheet
164Kb / 1P
Highly Integration USB PD Controller with Synchronous Rectification
logo
ON Semiconductor
FAN6390MPX ONSEMI-FAN6390MPX Datasheet
635Kb / 25P
Highly Integrated Secondary-Side Adaptive USB Type-C Charging Controller with USB-PD with SR Embedded
November, 2019 ??Rev. 1
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
logo
Diodes Incorporated
AP43770 DIODES-AP43770 Datasheet
361Kb / 9P
HIGH-PERFORMANCE USB PD CONTROLLER
July 2020
AP43771 DIODES-AP43771 Datasheet
574Kb / 10P
HIGH-PERFORMANCE USB PD CONTROLLER
June 2022
AP43771V DIODES-AP43771V Datasheet
792Kb / 14P
HIGH-PERFORMANCE USB PD CONTROLLER
Rev. 5 - 2 December 2021
logo
Richtek Technology Corp...
RT7208EB RICHTEK-RT7208EB Datasheet
2Mb / 51P
High-Integration USB PD Controller with Internal Feedback Compensation and Synchronous Rectification for ZVS Control
August 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com