Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5318Q Datasheet(PDF) 5 Page - Injoinic Technology Co.,Ltd.

Part # IP5318Q
Description  2.1A Charging 2.4 A Discharge Highly Integrated Mobile Power SOC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5318Q Datasheet(HTML) 5 Page - Injoinic Technology Co.,Ltd.

  IP5318Q Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP5318Q Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5318Q Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5318Q Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5318Q Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5318Q Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5318Q Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5318Q Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5318Q Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IP5306
V1.3 http://www.injoinic.com/
5 / 10
Copyright © 2016, Injoinic Corp.
欠压保护迟滞
VUVLOH
200
mV
升压系统
电池工作电压
VBAT
3.0
4.4
V
开关工作电池输入
电流
IBAT
VBAT=3.7V,VOUT=5.0V,fs=500KHz
3
mA
VIN=5V,Device not switching
100
uA
DC 输出电压
VOUT
VBAT=3.7V
5.0
V
输出电压纹波
ΔV
OUT
VBAT=3.7V,VOUT=5.0V,fs=500KHz
100
mV
升压开关频率
fs
500
KHz
升压系统供电电流
Ivout
2.4
A
负载过流检测时间
TUVD
输出电压持续低于 4.4V
50
ms
负载短路检测时间
TOCD
输出电流持续大于 4A
150
200
us
控制系统
PMOS 导通电阻
rDSON
35
NMOS 导通电阻
30
电池输入待机电流
ISTB
VIN=0V,VBAT=3.7V
100
uA
LED 照明驱动电流
Key
25
mA
LED 显示驱动电流
IL1
IL2
IL3
10
mA
负载自动检测时间
TloadD
负载电流持续小于 45mA
32
s
短按键唤醒时间
TOnDebounce
50
ms
打开 light 时间
TKeylight
2
s
热关断温度
TOTP
上升温度
125
热关断温度迟滞
ΔT
OTP
40



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com