Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5318Q Datasheet(PDF) 8 Page - Injoinic Technology Co.,Ltd.

Part # IP5318Q
Description  2.1A Charging 2.4 A Discharge Highly Integrated Mobile Power SOC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5318Q Datasheet(HTML) 8 Page - Injoinic Technology Co.,Ltd.

Back Button IP5318Q Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5318Q Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5318Q Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5318Q Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5318Q Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5318Q Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5318Q Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5318Q Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5318Q Datasheet HTML 10Page - Injoinic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
IP5306
V1.3 http://www.injoinic.com/
8 / 10
Copyright © 2016, Injoinic Corp.
10 按键方式
IP5306 可识别长按键和短按键操作,不需要按键时 PIN5 脚悬空。
按键持续时间长于 50ms,但小于 2s, 即为短按动作,短按会打开电量显示灯和升压输出。
按键持续时间长于 2s, 即为长按动作, 长按会开启或者关闭照明 LED。
小于 50ms 的按键动作不会有任何响应。
在 1s 内连续两次短按键,会关闭升压输出、电量显示和照明 LED。
11 典型应用原理图
IP5306 只需要电感、电容、电阻, 即可实现完整功能的移动电源方案。
Micro-B
VIN
GND
1UH
TYPE-A
DM
DP
VOUT
GND
VIN
VOUT
LED1
LED2
LED3
KEY
BAT
SW
1
2
3
4
8
7
6
5
9
TYPE-A
DM
DP
VOUT
GND
BAT
R3
2R
C6
10uF
C1
10uF
25%
50% 75%
100%
D1
D2
D3
D4
R1
10K
R5
20R
D5
S1
R4
0.5R
0603
C7
22uF
C2
22uF
C3
22uF
C4
22uF
C5
22uF
C6
22uF
R2
100K
R6
43K
R8
51K
R7
75K
R9
51K
DP
DM
IP5306 4LED
输出不接分压电阻时虚线框
内电路可以省略
如果不需要照明功能,R5
和D5可以省略
7 4LED 电量显示典型应用原理图
电感推荐型号
SPM70701R0
DARFON PIN
Inductance
(uH)
Tolerance
DC Resistance
(mΩ)
Heat Rating
Current
DC Amp.
Saturation
Current
DC Amps.
Measuring
Condition
Typ.
Max.
Idc(A)Max.
Isat(A)Max.
SPM70701R0
1.0
±20%
8.5
8
12
15
锂电 IC 推荐型号
INJOINIC
Pack age
Overcharge Detection
Voltage [VCU] (V)
Overdischarge Detection
Voltage [VDL] (V)
Overcurrent
Detection Current [IOV] (A)
IP3005A
ESOP8
4.28V
2.5V
7A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com