Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMA253 Datasheet(PDF) 74 Page - Bosch Sensortec GmbH

Part # BMA253
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA253 Datasheet(HTML) 74 Page - Bosch Sensortec GmbH

Back Button BMA253 Datasheet HTML 70Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 71Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 72Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 73Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 74Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 75Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 76Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 77Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 78Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 119 page
background image
BMA253
Data sheet
Page 74
BST-BMA253-DS000-01 | Revision 1.0 | August 2015
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Register 0x21 (INT_RST_LATCH)
Contains the interrupt reset bit and the interrupt mode selection.
Name
0x21
INT_RST_LATCH
Bit
7
6
5
4
Read/Write
W
R/W
R/W
R/W
Reset
Value
0
0
0
0
Content
reset_int
Reserved
Bit
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
0
Content
latch_int<3:0>
reset_int:
write ‘1’  clear any latched interrupts, or ‘0’  keep latched interrupts
active
reserved:
write ‘0’
latch_int<3:0>:
´0000b´  non-latched,
´0001b´  temporary, 250 ms,
´0010b´  temporary, 500 ms, ´0011b´  temporary, 1 s,
´0100b´  temporary, 2 s,
´0101b´  temporary, 4 s,
´0110b´  temporary, 8 s,
´0111b´  latched,
´1000b´  non-latched,
´1001b´  temporary, 250
s,
´1010b´  temporary, 500
s, ´1011b´  temporary, 1 ms,
´1100b´  temporary, 12.5 ms, ´1101b´  temporary, 25 ms,
´1110b´  temporary, 50 ms, ´1111b´  latched
Register 0x22 (INT_0)
Contains the delay time definition for the low-g interrupt.
Name
0x22
INT_0
Bit
7
6
5
4
Read/Write
W
R/W
R/W
R/W
Reset
Value
0
0
0
0
Content
low_dur<7:4>
Bit
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
1
0
0
1
Content
low_dur<3:0>
low_dur<7:0>:
low-g interrupt trigger delay according to [low_dur<7:0> + 1] • 2 ms in a
range from 2 ms to 512 ms; the default corresponds to a delay of 20 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com