Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMA253 Datasheet(PDF) 79 Page - Bosch Sensortec GmbH

Part # BMA253
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA253 Datasheet(HTML) 79 Page - Bosch Sensortec GmbH

Back Button BMA253 Datasheet HTML 75Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 76Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 77Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 78Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 79Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 80Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 81Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 82Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 83Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 119 page
background image
BMA253
Data sheet
Page 79
BST-BMA253-DS000-01 | Revision 1.0 | August 2015
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Register 0x2A (INT_8)
Contains the timing definitions for the single tap and double tap interrupts.
Name
0x2A
INT_8
Bit
7
6
5
4
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
0
Content
tap_quiet
tap_shock
reserved
reserved
Bit
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
1
0
0
Content
reserved
tap_dur<2:0>
tap_quiet:
selects a tap quiet duration of ‘0’ 30 ms, ‘1’ 20 ms
tap_shock:
selects a tap shock duration of ‘0’ 50 ms, ‘1’75 ms
reserved:
write ‘0’
tap_dur<2:0>:
selects the length of the time window for the second shock event for double
tap detection according to ´000b´  50 ms, ´001b´  100 ms, ´010b´  150
ms, ´011b´  200 ms, ´100b´  250 ms, ´101b´  375 ms, ´110b´  500
ms, ´111b´  700 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com