Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMA253 Datasheet(PDF) 19 Page - Bosch Sensortec GmbH

Part # BMA253
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA253 Datasheet(HTML) 19 Page - Bosch Sensortec GmbH

Back Button BMA253 Datasheet HTML 15Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 16Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 17Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 18Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 19Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 20Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 21Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 22Page - Bosch Sensortec GmbH BMA253 Datasheet HTML 23Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 119 page
background image
BMA253
Data sheet
Page 19
BST-BMA253-DS000-01 | Revision 1.0 | August 2015
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
The BMA253 supports four different acceleration measurement ranges. A measurement range
is selected by setting the (0x0F) range bits as follows:
Table 5: Range selection
Range
Acceleration
measurement
range
Resolution
0011
±2g
0.98mg/LSB
0101
±4g
1.95mg/LSB
1000
±8g
3.91mg/LSB
1100
±16g
7.81mg/LSB
others
reserved
-
4.3.2 Temperature sensor
The width of temperature data is 8 bits given in two´s complement representation. Temperature
values are available in the (0x08) temp register.
The slope of the temperature sensor is 0.5K/LSB, its center temperature is 23°C [(0x08) temp =
0x00].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com