Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMA255 Datasheet(PDF) 64 Page - Bosch Sensortec GmbH

Part # BMA255
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA255 Datasheet(HTML) 64 Page - Bosch Sensortec GmbH

Back Button BMA255 Datasheet HTML 60Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 61Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 62Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 63Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 64Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 65Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 66Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 67Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 68Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 119 page
background image
BMA255
Data sheet
Page 64
BST-BMA255-DS004-05 | Revision 1.2 | August 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Register 0x12 (PMU_LOW_POWER)
Configuration settings for low power mode.
Name
0x12
PMU_LOW_POWER
Bit
7
6
5
4
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
0
Content
reserved
lowpower_mode
sleeptimer_mode
reserved
Bit
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
0
Content
reserved
lowpower_mode: select ‘0’  LPM1, or ‘1´  LPM2 configuration for SUSPEND and
LOW_POWER mode. In the LPM1 configuration the power consumption in
LOW_POWER mode and SUSPEND mode is significantly reduced when
compared to LPM2 configuration, but the FIFO is not accessible and writing
to registers must be slowed down. In the LPM2 configuration the power
consumption in LOW_POWER mode is reduced compared to NORMAL
mode, but the FIFO is fully accessible and registers can be written to at full
speed.
sleeptimer_mode: when in LOW_POWER mode ‘0’  use event-driven time-base mode
(compatible with BMA250), or ‘1´  use equidistant sampling time-base
mode. Equidistant sampling of data into the FIFO is maintained in
equidistant time-base mode only.
reserved:
write ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com