Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMA255 Datasheet(PDF) 94 Page - Bosch Sensortec GmbH

Part # BMA255
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA255 Datasheet(HTML) 94 Page - Bosch Sensortec GmbH

Back Button BMA255 Datasheet HTML 90Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 91Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 92Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 93Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 94Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 95Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 96Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 97Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 98Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 119 page
background image
BMA255
Data sheet
Page 94
BST-BMA255-DS004-05 | Revision 1.2 | August 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Register 0x3E (FIFO_CONFIG_1)
Contains FIFO configuration settings. The FIFO buffer memory is cleared and the fifo-full flag is
cleared when writing to FIFO_CONFIG_1 register.
Name
0x3E
FIFO_CONFIG_1
Bit
7
6
5
4
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
0
Content
fifo_mode<1:0>
Reserved
Bit
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
0
Content
Reserved
fifo_data_select<1:0>
fifo_mode<1:0>:
selects the FIFO operating mode:
´00b´  BYPASS (buffer depth of 1 frame; old data is discarded),
´01b´  FIFO (data collection stops when buffer is filled with 32 frames),
´10b´  STREAM (sampling continues when buffer is full; old is discarded),
´11b´  reserved, do not use
fifo_data_select<1:0>:
selects whether ´00b´  X+Y+Z, ´01b´  X only, ´10b´  Y only,
´11b´  Z only acceleration data are stored in the FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com