Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMA255 Datasheet(PDF) 24 Page - Bosch Sensortec GmbH

Part # BMA255
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA255 Datasheet(HTML) 24 Page - Bosch Sensortec GmbH

Back Button BMA255 Datasheet HTML 20Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 21Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 22Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 23Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 24Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 25Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 26Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 27Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 28Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 119 page
background image
BMA255
Data sheet
Page 24
BST-BMA255-DS004-05 | Revision 1.2 | August 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Register (0x36) cal_trigger is a write-only register. Once triggered, the status of the fast
correction process is reflected in the status bit (0x36) cal_rdy. Bit (0x36) cal_rdy is ‘0’ while the
correction is in progress. Otherwise it is ‘1’. Bit (0x36) cal_rdy is ´0´ when (0x36) cal_trigger is
not ´00´.
For the fast offset compensation, the compensation target can be chosen by setting the bits
(0x37) offset_target_x, (0x37) offset_target_y, and (0x37) offset_target_z according to Table 9:
Table 9: Offset target settings
(0x37)
offset_target_x/y/z
Target value
00b
0g
01b
+1g
10b
-1g
11b
0g
Fast compensation should not be used in combination with any of the low-power modes. In low-
power mode the conditions (availability of necessary data) for proper function of fast
compensation are not fulfilled.
4.5.3 Manual compensation
The contents of the public compensation registers (0x38, 0x39, 0x3A) offset_filt_x/y/z can be
set manually via the digital interface. It is recommended to write into these registers directly
after a new data interrupt has occurred in order not to disturb running offset computations.
Writing to the offset compensation registers is not allowed while the fast compensation
procedure is running.
4.5.4 Inline calibration
For certain applications, it is often desirable to calibrate the offset once and to store the
compensation values permanently. This can be achieved by using one of the aforementioned
offset compensation methods to determine the proper compensation values and then storing
these values permanently in the NVM. See section 4.6 Non-volatile memory for details of the
storing procedure.
Each time the device is reset, the compensation values are loaded from the non-volatile
memory into the image registers and used for offset compensation until they are possibly
overwritten using one of the other compensation methods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com