Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7582S Datasheet(PDF) 2 Page - Hotchip Technology Co.,Ltd

Part # HT7582S
Description  A linear charging mode of the maximum 1 A linear charging mode of a charged current
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT7582S Datasheet(HTML) 2 Page - Hotchip Technology Co.,Ltd

  HT7582S Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT7582S Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT7582S Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT7582S Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT7582S Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT7582S Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT7582S Datasheet HTML 7Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HT7582S
2/7
QC 快充电源管理方案
www.hotchip.com.cn
Ver1.1
引脚定义
引脚名
引脚号
功能说明
STB
1
待机控制
L4_TRIM
2
指示灯阈值调整
L4
3
指示灯 4
L3
4
指示灯 3
L2
5
指示灯 2
L1
6
指示灯 1
VDD
7
外部输入直流 5V
KEY
8
按键
CE
9
插入手机自动识别
LED/Aux
10
手电驱动/辅助功能
BTP
11
电池正极
FB
12
升压输出基准
PROG
13
充电电流设置
GND
14
地
CS
15
BOOST 电感峰值电流侦测
GATE
16
BOOST 外置功率管驱动
电路内部结构框图
VDD
L1
L2
L3
L4
KEY
CE
GATE
GND
BTP
LED/Aux
CS
FB
STB
1
3
4
5
11
10
8
7
6
12
9
14
2
13
16
15
PROG
L4_TRIM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com