Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7582S Datasheet(PDF) 1 Page - Hotchip Technology Co.,Ltd

Part # HT7582S
Description  A linear charging mode of the maximum 1 A linear charging mode of a charged current
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT7582S Datasheet(HTML) 1 Page - Hotchip Technology Co.,Ltd

  HT7582S Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT7582S Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT7582S Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT7582S Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT7582S Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT7582S Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT7582S Datasheet HTML 7Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HT7582S
1/7
www.hotchip.com.cn
QC 快充电源管理方案
Ver1.1
产品概述
HT7582S 是一款集成了锂电池充电管理模块、
电量检测、LED 指示模块及 DC-DC 的升压管理模块
的便携式电源管理 IC,可以应用于 QC 快充等与锂
电池有关的专案。
主要特点
◆
内置最大 1A 线性充电模式,充电电流 1A 以内
外部可调;
◆
充电输入具有 OVP 功能,输入电压超过 6.2V 自
动停止充电;
◆
涓流/恒流/恒压三段式充电,充饱电压 4.22V 可
选,支持对 0V 电池充电;
◆
内置充电能根据温升自动降低充电电流,120 度
开始下降,最低可降至 0;
◆
升压固定开关频率 650KHZ,驱动外置 MOS 管,
可以根据应用进行选用,灵活性强
◆
内置 0.6V 基准源,输出电压可调,内置 0.68V
基准 OVP 保护锁存功能,输出电流可调
◆
支持按键启动模式和 EN 引脚强制启动模式
◆
具有恒功率输出功能,有完整的过流,短路保护
◆
充电的过程中允许升压,指示灯按充电指示状态
◆
负载插入自动启动升压,负载电流小于 50mA 或
负载移除自动休眠;
◆
四灯指示方式,准确指示电量,升压中具有电池
低压提醒功能;
◆
可以直接驱动 LED 灯,最大电流 50mA,不需要
外围电阻
◆
电池过充、过放保护;
◆ 4KV ESD;
◆ SOP16 封装
典型应用
◆ QC 快充移动电源;
典型应用电路图


Similar Part No. - HT7582S

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7580 HOLTEK-HT7580 Datasheet
100Kb / 10P
High Driver Regulator
May 2, 2000
logo
ZP Semiconductor
HT7580 ZPSEMI-HT7580 Datasheet
351Kb / 9P
High Driver Regulator
logo
ARTSCHIP ELECTRONICS CO...
HT7580 ARTSCHIP-HT7580 Datasheet
201Kb / 7P
High Driver Regulator
logo
Holtek Semiconductor In...
HT7580-1 HOLTEK-HT7580-1 Datasheet
152Kb / 20P
100mA Low Power LDO
HT7580-1 HOLTEK-HT7580-1 Datasheet
1Mb / 20P
100mA Low Power LDO
More results

Similar Description - HT7582S

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34701EK FREESCALE-MC34701EK Datasheet
739Kb / 38P
1.5 A Switch-Mode Power Supply with Linear Regulator
logo
Texas Instruments
LM1085 TI-LM1085 Datasheet
2Mb / 22P
The LM1085 is a series of low dropout positive voltage regulators with a maximum dropout of 1.5V at 3A of load current.
logo
Shenzhen Sunnyway Batte...
SWT121200 SUNNYWAY-SWT121200 Datasheet
577Kb / 1P
Initial Charging Current less than 35 A
logo
Bel Fuse Inc.
LDX-C120 BEL-LDX-C120 Datasheet
474Kb / 4P
DC-UPS with charging function of a 12 or 24 VDC battery
logo
Hotchip Technology Co.,...
HT4913S HOTCHIP-HT4913S Datasheet
944Kb / 7P
The built-in maximum 1 A linear charging mode
HT4936S HOTCHIP-HT4936S Datasheet
1Mb / 7P
The built-in maximum 1 A linear charging mode of charging current is adjustable
HT7913E HOTCHIP-HT7913E Datasheet
983Kb / 6P
A linear charging model in the built-in maximum 1 A linear charging mode
HT3560S HOTCHIP-HT3560S Datasheet
1Mb / 6P
Charging voltage outside of charging voltage
HT4349Q HOTCHIP-HT4349Q Datasheet
996Kb / 6P
A linear charging mode of the largest A linear charging mode. charging current can be passed.
logo
SHOUDING Shouding Semic...
SD8067 SHOUDING-SD8067 Datasheet
2Mb / 13P
Linear lithium ion battery charging chip
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com