Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC550EUF Datasheet(PDF) 21 Page - LG Semicon Co.,Ltd.

Part # LC550EUF
Description  55 F-HD TFT(Thin Film Transistor) LCD module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC550EUF Datasheet(HTML) 21 Page - LG Semicon Co.,Ltd.

Back Button LC550EUF Datasheet HTML 17Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 18Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 19Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 20Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 21Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 22Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 23Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 24Page - LG Semicon Co.,Ltd. LC550EUF Datasheet HTML 25Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
품-0001-R0
표준번호 :
Rev.
:
인쇄된 표준은 최신본이 아닐 수 있으니 확인 후 사용하십시오.
제품규격_LC550EUF-FEP1-831
0.2
제정일자 : 11.08.10
개정일자 : 12.02.19
21
5.5.8.4 Measurement of 3D crosstalk
(i) Test image ( LB-RW, LW-RB and LB-RB ) is displayed.
(ii) Left or right eyeglass are placed in front of LMS successively and
luminance is measured for position 1
or
5.5.8.3 Measurement of 3D luminance
(i) Test image ( LW-RW) is displayed.
(ii) Left or right eyeglass are placed in front of LMS successively and
luminance is measured at center 1 point where the notation for luminance
measurement is “Lum(LE, LW-RW,1)” or “Lum(RE, LW-RW,1).
Lum(LE, LB-RW,1) - Lum(LE, LB-RB,1)
Lum(LE, LW-RB,1) - Lum(LE, LB-RB,1)
Lum(RE, LW-RB,1) - Lum(RE, LB-RB,1)
Lum(RE, LB-RW,1) - Lum(RE, LB-RB,1)
5.5.8.5 Measurement of 3D Viewing Angle
3D viewing angle is the angle at which the 3D crosstalk is under 10%. The angles are
determined for the vertical or y axis with respect to the z axis which is normal to the LCD
module surface and measured for position 1. For more information , see the Fig 16.
< Figure 16. Measurement of 3D crosstalk and 3D viewing angle >
LB-RW
LW-RB
LB-RB
Φyd (down)
Φyu(up)
LMS
LMS
LMS
(a) Test pattern image
(b) Measurement of 3D viewing angle (up/down)
y axis
LCM
z axis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com